Electronic Components Datasheet Search
  English  ▼

X  

TC1054 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1054
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1054 Datasheet(HTML) 2 Page - Microchip Technology

  TC1054_12 Datasheet HTML 1Page - Microchip Technology TC1054_12 Datasheet HTML 2Page - Microchip Technology TC1054_12 Datasheet HTML 3Page - Microchip Technology TC1054_12 Datasheet HTML 4Page - Microchip Technology TC1054_12 Datasheet HTML 5Page - Microchip Technology TC1054_12 Datasheet HTML 6Page - Microchip Technology TC1054_12 Datasheet HTML 7Page - Microchip Technology TC1054_12 Datasheet HTML 8Page - Microchip Technology TC1054_12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1054/TC1055/TC1186
DS21350E-page 2
 2002-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ..................................................................6.75V
Output Voltage ..................................... (-0.3V) to (VIN + 0.3V)
Power Dissipation ......................... Internally Limited (Note 6)
Maximum Voltage on Any Pin ...................VIN +0.3V to -0.3V
Operating Junction Temperature Range ..-40°C <TJ< +125°C
Storage Temperature.....................................-65°C to +150°C
† Notice:
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, VIN =VOUT +1V, IL =100 µA, CL = 3.3 µF, SHDN >VIH, TA = +25°C. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
—
6.50
V
Note 8
Maximum Output Current
IOUTMAX
50
——
mA
TC1054
100
——
TC1055
150
——
TC1186
Output Voltage
VOUT
VR – 2.5% VR ±0.5% VR + 2.5%
V
Note 1
VOUT Temperature
Coefficient
TCVOUT
—20
—
ppm/°C Note 2
—
40
—
Line Regulation
VOUT/VIN
—0.05
0.35
%(VR + 1V) VIN6V
Load Regulation
TC1054; TC1055
VOUT/VOUT
—0.5
2
%(Note 3)
IL = 0.1 mA to IOUTMAX
TC1186
—0.5
3
Note 1:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V,
4.0V, 5.0V.
2:
3:
Regulation is measured at a constant junction temperature using low-duty-cycle pulse testing. Load regu-
lation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output
voltage due to heating effects are covered by the thermal regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX
at VIN = 6V for T = 10 ms.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation causes the device to initiate thermal shutdown. See Section 5.0
“Thermal Considerations”
for more details.
7:
Hysteresis voltage is referenced by VR.
8:
The minimum VIN has to justify the conditions: VIN  VR + VDROPOUT and VIN  2.7V for IL = 0.1 mA to
IOUTMAX.
9:
Apply for junction temperatures of -40°C to +85°C.
TC VOUT = (VOUTMAX – VOUTMIN)x 106
VOUT x T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com