Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1186 Datasheet HTML 11Page - Microchip Technology TC1186 Datasheet HTML 12Page - Microchip Technology TC1186 Datasheet HTML 13Page - Microchip Technology TC1186 Datasheet HTML 14Page - Microchip Technology TC1186 Datasheet HTML 15Page - Microchip Technology TC1186 Datasheet HTML 16Page - Microchip Technology TC1186 Datasheet HTML 17Page - Microchip Technology TC1186 Datasheet HTML 18Page - Microchip Technology TC1186 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21350E-page 15
TC1054/TC1055/TC1186
APPENDIX A:
REVISION HISTORY
Revision E (December 2012)
The following is the list of modifications:
1.
Updated the Input Voltage value in Absolute
Maximum Ratings † section.
2.
Updated Section 6.0, Packaging Information.
3.
Updated Product Identification System.
Revision D (February 2007)
• Corrected standard output voltages on page 1
and in Section , Product Identification System.
• Added TDELAY parameter in DC Characteristics
table in Section 1.0, Electrical Characteristics.
• Changes to Figure 4-2.
• Section 6.0, Packaging Information: Corrected
SOT-23 Packaging Information.
Revision C (March 2003)
• Undocumented changes.
Revision B (May 2002)
• Undocumented changes.
Revision A (March 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com