Electronic Components Datasheet Search
  English  ▼

X  

TC1186 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC1186
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC1186 Datasheet HTML 12Page - Microchip Technology TC1186 Datasheet HTML 13Page - Microchip Technology TC1186 Datasheet HTML 14Page - Microchip Technology TC1186 Datasheet HTML 15Page - Microchip Technology TC1186 Datasheet HTML 16Page - Microchip Technology TC1186 Datasheet HTML 17Page - Microchip Technology TC1186 Datasheet HTML 18Page - Microchip Technology TC1186 Datasheet HTML 19Page - Microchip Technology TC1186 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21350E-page 17
TC1054/TC1055/TC1186
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1054: 50 mA LDO with Shutdown and ERROR output
TC1055: 100 mA LDO with Shutdown and ERROR output
TC1186: 150 mA LDO with Shutdown and ERROR output
Output Voltage *:
1.8 =
1.8V “Standard”
2.5 =
2.5V “Standard”
2.6 =
2.6V “Standard”
2.7 =
2.7V “Standard”
2.8 =
2.8V “Standard”
2.85 =
2.85V “Standard”
3.0 =
3.0V “Standard”
3.3 =
3.3V “Standard”
3.6 =
3.6V “Standard”
4.0 =
4.0V “Standard”
5.0 =
5.0V “Standard”
*Contact factory for other output voltage options.
Temperature Range:
V
= -40°C to +125°C (Various)
Package:
CT713 = Plastic Small Outline Transistor (SOT-23),
Tape and Reel
PART NO.
X.X
XXXXX
Package
Output
Voltage
Device
Examples:
a) TC1054-1.8VCT713:
1.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
b) TC1054-2.5VCT713:
2.5V LDO Regulator, Various
Temp., 5LD SOT-23 Package
c) TC1054-2.6VCT713:
2.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
d) TC1054-2.7VCT713:
2.7V LDO Regulator, Various
Temp., 5LD SOT-23 Package
e) TC1054-2.8VCT713:
2.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
f) TC1054-2.85VCT713:
2.85V LDO Regulator, Various
Temp., 5LD SOT-23 Package
g) TC1054-3.0VCT713:
3.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
h) TC1054-3.3VCT713:
3.3V LDO Regulator, Various
Temp., 5LD SOT-23 Package
i) TC1054-3.6VCT713:
3.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
j) TC1054-4.0VCT713:
4.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
k) TC1054-5.0VCT713:
5.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
a) TC1055-1.8VCT713:
1.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
b) TC1055-2.5VCT713:
2.5V LDO Regulator, Various
Temp., 5LD SOT-23 Package
c) TC1055-2.6VCT713:
2.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
d) TC1055-2.7VCT713:
2.7V LDO Regulator, Various
Temp., 5LD SOT-23 Package
e) TC1055-2.8VCT713:
2.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
f) TC1055-2.85VCT713:
2.85V LDO Regulator, Various
Temp., 5LD SOT-23 Package
g) TC1055-3.0VCT713:
3.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
h) TC1055-3.3VCT713:
3.3V LDO Regulator, Various
Temp., 5LD SOT-23 Package
i) TC1055-3.6VCT713:
3.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
j) TC1055-4.0VCT713:
4.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
k) TC1055-5.0VCT713:
5.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
a) TC1186-1.8VCT713:
1.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
b) TC1186-2.5VCT713:
2.5V LDO Regulator, Various
Temp., 5LD SOT-23 Package
c) TC1186-2.6VCT713:
2.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
d) TC1186-2.7VCT713:
2.7V LDO Regulator, Various
Temp., 5LD SOT-23 Package
e) TC1186-2.8VCT713:
2.8V LDO Regulator, Various
Temp., 5LD SOT-23 Package
f) TC1186-2.85VCT713: 2.85V LDO Regulator, Various
Temp., 5LD SOT-23 Package
g) TC1186-3.0VCT713:
3.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
h) TC1186-3.3VCT713:
3.3V LDO Regulator, Various
Temp., 5LD SOT-23 Package
i) TC1186-3.6VCT713:
3.6V LDO Regulator, Various
Temp., 5LD SOT-23 Package
j) TC1186-4.0VCT713:
4.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
k) TC1186-5.0VCT713:
5.0V LDO Regulator, Various
Temp., 5LD SOT-23 Package
X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com