Electronic Components Datasheet Search
  English  ▼

X  

ADV7180BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7180BCPZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7180BCPZ Datasheet HTML 59Page - Analog Devices ADV7180BCPZ Datasheet HTML 60Page - Analog Devices ADV7180BCPZ Datasheet HTML 61Page - Analog Devices ADV7180BCPZ Datasheet HTML 62Page - Analog Devices ADV7180BCPZ Datasheet HTML 63Page - Analog Devices ADV7180BCPZ Datasheet HTML 64Page - Analog Devices ADV7180BCPZ Datasheet HTML 65Page - Analog Devices ADV7180BCPZ Datasheet HTML 66Page - Analog Devices ADV7180BCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 63 of 120
CGMS and WSS
The CGMS and WSS data packets convey the same type of
information for different video standards. WSS is for PAL and
CGMS is for NTSC; therefore, the CGMS and WSS readback
registers are shared. WSS is biphase coded; the VDP performs a
biphase decoding to produce the 14 raw WSS bits in the CGMS/
WSS readback I2C registers and to set the CGMS_WSS_AVL bit.
CGMS_WSS_CLEAR, CGMS/WSS Clear, Address 0x78[2],
User Sub Map, Write Only, Self-Clearing
Setting CGMS_WSS_CLEAR to 1 reinitializes the CGMS/WSS
readback registers.
CGMS_WSS_AVL, CGMS/WSS Available, Address 0x78[2],
User Sub Map, Read Only
When CGMS_WSS_AVL is 0, CGMS/WSS was not detected.
When CGMS_WSS_AVL is 1, CGMS/WSS was detected.
VDP_CGMS_WSS_DATA_0[3:0], Address 0x7D[3:0];
VDP_CGMS_WSS_DATA_1[7:0], Address 0x7E[7:0];
VDP_CGMS_WSS_DATA_2[7:0], Address 0x7F[7:0];
User Sub Map, Read Only
These bits hold the decoded CGMS or WSS data.
Refer to Figure 46 and Figure 47 for the I2C-to-WSS and I2C-to-
CGMS bit mapping.
ACTIVE
VIDEO
VDP_CGMS_WSS_
DATA_1[5:0]
VDP_CGMS_WSS_DATA_2
RUN-IN
SEQUENCE
START
CODE
0
1
2
3
4
5
6
7
0
1
2
3
4
5
11.0µs
38.4µs
42.5µs
Figure 46. WSS Waveform
01
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
VDP_CGMS_WSS_DATA_1
VDP_CGMS_WSS_
DATA_0[3:0]
VDP_CGMS_WSS_DATA_2
REF
+100 IRE
+70 IRE
0 IRE
–40 IRE
11.2µs
49.1µs ± 0.5µs
CRC SEQUENCE
2.235µs ± 20ns
Figure 47. CGMS Waveform
Table 81. CGMS Readback Registers1
Signal Name
Register Location
Address (User Sub Map)
CGMS_WSS_DATA_0[3:0]
VDP_CGMS_WSS_DATA_0[3:0]
125
0x7D
CGMS_WSS_DATA_1[7:0]
VDP_CGMS_WSS_DATA_1[7:0]
126
0x7E
CGMS_WSS_DATA_2[7:0]
VDP_CGMS_WSS_DATA_2[7:0]
127
0x7F
1 These registers are readback registers; default value does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com