Electronic Components Datasheet Search
  English  ▼

X  

ADV7180BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV7180BCPZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV7180BCPZ Datasheet HTML 8Page - Analog Devices ADV7180BCPZ Datasheet HTML 9Page - Analog Devices ADV7180BCPZ Datasheet HTML 10Page - Analog Devices ADV7180BCPZ Datasheet HTML 11Page - Analog Devices ADV7180BCPZ Datasheet HTML 12Page - Analog Devices ADV7180BCPZ Datasheet HTML 13Page - Analog Devices ADV7180BCPZ Datasheet HTML 14Page - Analog Devices ADV7180BCPZ Datasheet HTML 15Page - Analog Devices ADV7180BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 12 of 120
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
AVDD to AGND
2.2 V
DVDD to DGND
2.2 V
PVDD to AGND
2.2 V
DVDDIO to DGND
4 V
DVDDIO to AVDD
−0.3 V to +4 V
PVDD to DVDD
−0.3 V to +0.9 V
DVDDIO to PVDD
–0.3 V to +4 V
DVDDIO to DVDD
−0.3 V to +4 V
AVDD to PVDD
−0.3 V to +0.3 V
AVDD to DVDD
−0.3 V to +0.9 V
Digital Inputs Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to AGND
AGND − 0.3 V to AVDD + 0.3 V
Maximum Junction Temperature
(TJ max)
140°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com