Electronic Components Datasheet Search
  English  ▼

X  

TMP37FT9Z Datasheet(PDF) 4 Page - Analog Devices

Part # TMP37FT9Z
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37FT9Z Datasheet(HTML) 4 Page - Analog Devices

  TMP37FT9Z Datasheet HTML 1Page - Analog Devices TMP37FT9Z Datasheet HTML 2Page - Analog Devices TMP37FT9Z Datasheet HTML 3Page - Analog Devices TMP37FT9Z Datasheet HTML 4Page - Analog Devices TMP37FT9Z Datasheet HTML 5Page - Analog Devices TMP37FT9Z Datasheet HTML 6Page - Analog Devices TMP37FT9Z Datasheet HTML 7Page - Analog Devices TMP37FT9Z Datasheet HTML 8Page - Analog Devices TMP37FT9Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter1, 2
Rating
Supply Voltage
7 V
Shutdown Pin
GND ≤ SHUTDOWN ≤ +VS
Output Pin
GND ≤ VOUT ≤ +VS
Operating Temperature Range
−55°C to +150°C
Die Junction Temperature
175°C
Storage Temperature Range
−65°C to +160°C
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature Range
10 sec to 20 sec
Ramp-Up Rate
3°C/sec
Ramp-Down Rate
−6°C/sec
Time 25°C to Peak Temperature
6 min
IR Reflow Soldering—Pb-Free Package
Peak Temperature
260°C (0°C)
Time at Peak Temperature Range
20 sec to 40 sec
Ramp-Up Rate
3°C/sec
Ramp-Down Rate
−6°C/sec
Time 25°C to Peak Temperature
8 min
1 Digital inputs are protected; however, permanent damage can occur on
unprotected units from high energy electrostatic fields. Keep units in
conductive foam or packaging at all times until ready to use. Use proper
antistatic handling procedures.
2 Remove power before inserting or removing units from their sockets.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device in
socket.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
TO-92 (T-3)
162
120
°C/W
SOIC_N (R-8)
158
43
°C/W
SOT-23 (RJ-5)
300
180
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com