Electronic Components Datasheet Search
  English  ▼

X  

TMP37FT9Z Datasheet(PDF) 15 Page - Analog Devices

Part # TMP37FT9Z
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37FT9Z Datasheet(HTML) 15 Page - Analog Devices

Back Button TMP37FT9Z Datasheet HTML 11Page - Analog Devices TMP37FT9Z Datasheet HTML 12Page - Analog Devices TMP37FT9Z Datasheet HTML 13Page - Analog Devices TMP37FT9Z Datasheet HTML 14Page - Analog Devices TMP37FT9Z Datasheet HTML 15Page - Analog Devices TMP37FT9Z Datasheet HTML 16Page - Analog Devices TMP37FT9Z Datasheet HTML 17Page - Analog Devices TMP37FT9Z Datasheet HTML 18Page - Analog Devices TMP37FT9Z Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 15 of 20
USING TMP3x SENSORS IN REMOTE LOCATIONS
In many industrial environments, sensors are required to
operate in the presence of high ambient noise. These noise
sources take many forms, for example, SCR transients, relays,
radio transmitters, arc welders, and ac motors. They can also
be used at considerable distances from the signal conditioning
circuitry. These high noise environments are typically in the
form of electric fields, so the voltage output of the temperature
sensor can be susceptible to contamination from these noise
sources.
Figure 32 illustrates a way to convert the output voltage of a
TMP3x sensor into a current to be transmitted down a long
twisted pair shielded cable to a ground referenced receiver. The
temperature sensors are not capable of high output current
operation; thus, a standard PNP transistor is used to boost the
output current drive of the circuit. As shown in the table in
Figure 32, the values of R2 and R3 were chosen to produce an
arbitrary full-scale output current of 2 mA. Lower values for the
full-scale current are not recommended. The minimum-scale
output current produced by the circuit could be contaminated
by ambient magnetic fields operating in the near vicinity of the
circuit/cable pair. Because the circuit uses an external transistor,
the minimum recommended operating voltage for this circuit is
5 V. To minimize the effects of EMI (or RFI), both the circuit
and the temperature sensor supply pins are bypassed with good
quality ceramic capacitors.
TWISTED PAIR
BELDEN TYPE 9502
OR EQUIVALENT
TMP3x
R2
R1
4.7kΩ
VOUT
0.1µF
2N2907
0.01µF
GND
+VS
5V
R3
VOUT
SENSOR R2
R3
TMP35
634
634
TMP36
887
887
TMP37
1k
1k
Figure 32. Remote, 2-Wire Boosted Output Current Temperature Sensor
TEMPERATURE TO 4–20 mA LOOP TRANSMITTER
In many process control applications, 2-wire transmitters are
used to convey analog signals through noisy ambient environ-
ments. These current transmitters use a zero-scale signal current
of 4 mA, which can be used to power the signal conditioning
circuitry of the transmitter. The full-scale output signal in these
transmitters is 20 mA.
Figure 33 illustrates a circuit that transmits temperature inform-
ation in this fashion. Using a TMP3x as the temperature sensor,
the output current is linearly proportional to the temperature of
the medium. The entire circuit operates from the 3 V output of
the REF193. The REF193 requires no external trimming because
of its tight initial output voltage tolerance and the low supply
current of the TMP3x, the OP193, and the REF193. The entire
circuit consumes less than 3 mA from a total budget of 4 mA.
The OP193 regulates the output current to satisfy the current
summation at the noninverting node of the OP193. A generalized
expression for the KCL equation at Pin 3 of the OP193 is given by
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
⎟
⎠
⎞
⎜
⎝
⎛
=
R2
R3
V
R1
R3
TMP3x
R7
1
I
REF
OUT
For each temperature sensor, Table 5 provides the values for the
components P1, P2, and R1 to R4.
Table 5. Circuit Element Values for Loop Transmitter
Sensor
R1
P1
R2
P2
R3
R4
TMP35
97.6 kΩ
5 kΩ
1.58 MΩ
100 kΩ
140 kΩ
56.2 kΩ
TMP36
97.6 kΩ
5 kΩ
931 kΩ
50 kΩ
97.6 kΩ
47 kΩ
TMP37
97.6 kΩ
5 kΩ
10.5 kΩ
500 Ω
84.5 kΩ
8.45 kΩ
The 4 mA offset trim is provided by P2, and P1 provides the
full-scale gain trim of the circuit at 20 mA. These two trims do
not interact because the noninverting input of the OP193 is
held at a virtual ground. The zero-scale and full-scale output
currents of the circuit are adjusted according to the operating
temperature range of each temperature sensor. The Schottky
diode, D1, is required in this circuit to prevent loop supply
power-on transients from pulling the noninverting input of the
OP193 more than 300 mV below its inverting input. Without
this diode, such transients can cause phase reversal of the
operational amplifier and possible latch-up of the transmitter.
The loop supply voltage compliance of the circuit is limited by
the maximum applied input voltage to the REF193; it is from
9 V to 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com