Electronic Components Datasheet Search
  English  ▼

X  

FH175 Datasheet(PDF) 3 Page - First Components International

Part # FH175
Description  25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FH175 Datasheet(HTML) 3 Page - First Components International

  FH175 Datasheet HTML 1Page - First Components International FH175 Datasheet HTML 2Page - First Components International FH175 Datasheet HTML 3Page - First Components International FH175 Datasheet HTML 4Page - First Components International FH175 Datasheet HTML 5Page - First Components International FH175 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings (At Ta= 25 C )
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
20
V
Output “OFF ” voltage
Vout (off)
20
V
Output “ON” current
Io (sink)
25
mA
Operating temperature range
Top
-40~+125
C
Storage temperature range
Tstg
-65~+150
C
SIP
550
mW
Power dissipation
SOT23
PD
230
Electrical Characteristics (Ta= 25 C )
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
-
3.5
-
20
V
Output saturation voltage
Vout(sat)
VCC=12V, OUT ”ON”
Io =10mA
-
300
400
mV
Supply current
Icc
VCC=12V, OUT ”OFF”
-
3.5
6
mA
Magnetic Characteristics
(Ta= 25 C )
(1mT = 10 Gauss)
A grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
15
-
60
Gauss
Release Point
Brp
-60
-
-15
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
5
-
80
Gauss
Release Point
Brp
-80
-
-5
Gauss
Hysteresis
Bhy
-
80
-
Gauss
mW
25mA FH175 Bipolar Hall Effect Latch Sensor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com