Electronic Components Datasheet Search
  English  ▼

X  

FH175 Datasheet(PDF) 1 Page - First Components International

Part # FH175
Description  25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FH175 Datasheet(HTML) 1 Page - First Components International

  FH175 Datasheet HTML 1Page - First Components International FH175 Datasheet HTML 2Page - First Components International FH175 Datasheet HTML 3Page - First Components International FH175 Datasheet HTML 4Page - First Components International FH175 Datasheet HTML 5Page - First Components International FH175 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
- Bipolar Hall effect latch sensor
- 3.5V to 20V DC operation voltage
- Open collector pre-driver
- 25mA output sink current
- Chip power reverse-connection protection
- Operating temperature:
C
125
~
C
40
- Package: SIP3, SOT23
Applications
- Rotor position sensing
- Current switch
- Encoder
- RPM detection
Pin Assignment
(SIP3 package)
( SOT23 package)
1. VCC
2. GND
3. OUT
1. VCC
3.
GND 2.
OUT
(Top view)
General Description
FH175 is a single-digital-output Hall-effect sensor
for high temperature operation. The device includes
an on-chip Hall voltage generator for magnetic
sensing, an amplifier to amplify Hall voltage, and a
comparator to provide switching hysteresis for noise
rejection, and an open-collector output pre-driver.
An internal bandgap regulator is used to provide
temperature
compensated
supply
voltage
for
internal circuits and allows a wide operating supply
range.
While the magnetic flux density (B) is larger than
threshold Bop, the OUT pin turns on (low). If B
removed toward Brp, the OUT pin is latched “on”
state prior to B < Brp. When B < Brp, the OUT pin
go into “ off ” state.
Pin Descriptions
Name
Description
VCC
Input power
GND
Ground
OUT
Output stage
Ordering Information
FH175 X -X X X -X
Packing
Blank : Tube
A
: Taping
P: SIP3
W: SOT23
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B
25mA FH175 Bipolar Hall Effect Latch Sensor


Similar Part No. - FH175

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH17-15S-0.5SH HIROSE-FH17-15S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH17-20S-0.5SH HIROSE-FH17-20S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH17-24S-0.5SH HIROSE-FH17-24S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH17-30S-0.5SH HIROSE-FH17-30S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
More results

Similar Description - FH175

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3197 ALLEGRO-3197 Datasheet
193Kb / 12P
PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
Hall Effect Latch / Bipolar Switch
logo
First Components Intern...
FH130 FCI-FH130 Datasheet
217Kb / 5P
25mA 30V FH130 Hall Effect Latch S ensor On-chip Hall Sensor
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com