Electronic Components Datasheet Search
  English  ▼

X  

ACS714 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS714
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS714 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS714 Datasheet HTML 3Page - Allegro MicroSystems ACS714 Datasheet HTML 4Page - Allegro MicroSystems ACS714 Datasheet HTML 5Page - Allegro MicroSystems ACS714 Datasheet HTML 6Page - Allegro MicroSystems ACS714 Datasheet HTML 7Page - Allegro MicroSystems ACS714 Datasheet HTML 8Page - Allegro MicroSystems ACS714 Datasheet HTML 9Page - Allegro MicroSystems ACS714 Datasheet HTML 10Page - Allegro MicroSystems ACS714 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714
7
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
x30A PERFORMANCE CHARACTERISTICS over Range E: TA = –40°C to 85°C1, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–30
–
30
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
64
66
68
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 66 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–7
–
mV
Zero Current Output Slope
ΔVOUT(Q)
TA = –40°C to 25°C
–
–0.35
–
mV/°C
TA = 25°C to 150°C
–
–0.08
–
mV/°C
Sensitivity Slope
ΔSens
TA = –40°C to 25°C
–
0.007
–
mV/A/°C
TA = 25°C to 150°C
–
–0.002
–
mV/A/°C
Electrical Output Voltage
VOE
IP = 0 A
–30
–
30
mV
Total Output Error2
ETOT
IP = ±30 A, TA = 25°C
–
±1.5
–
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
2Percentage of IP, with IP = 30 A. Output filtered.
x30A PERFORMANCE CHARACTERISTICS over Range L: TA = –40°C to 150°C1, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–30
–
30
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
–
66
–
mV/A
Over full range of IP, TA = –40°C to 150°C
63
–
69
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 66 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–7
–
mV
Zero Current Output Slope
ΔVOUT(Q)
TA = –40°C to 25°C
–
–0.35
–
mV/°C
TA = 25°C to 150°C
–
–0.08
–
mV/°C
Sensitivity Slope
ΔSens
TA = –40°C to 25°C
–
0.007
–
mV/A/°C
TA = 25°C to 150°C
–
–0.002
–
mV/A/°C
Electrical Output Voltage
VOE
IP = 0 A
–40
–
40
mV
Total Output Error2
ETOT
IP = ±30 A, TA = 25°C
–
±1.5
–
%
IP = ±30 A, TA = –40°C to 150°C
–5
–
5
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
2Percentage of IP, with IP = 30 A. Output filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com