Electronic Components Datasheet Search
  English  ▼

X  

ACS714 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS714
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS714 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS714 Datasheet HTML 1Page - Allegro MicroSystems ACS714 Datasheet HTML 2Page - Allegro MicroSystems ACS714 Datasheet HTML 3Page - Allegro MicroSystems ACS714 Datasheet HTML 4Page - Allegro MicroSystems ACS714 Datasheet HTML 5Page - Allegro MicroSystems ACS714 Datasheet HTML 6Page - Allegro MicroSystems ACS714 Datasheet HTML 7Page - Allegro MicroSystems ACS714 Datasheet HTML 8Page - Allegro MicroSystems ACS714 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714
3
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
VCC
(Pin 8)
(Pin 7)
VIOUT
R
F(INT)
GND
(Pin 5)
FILTER
(Pin 6)
IP+
(Pin 1)
IP+
(Pin 2)
IP
−
(Pin 3)
IP
−
(Pin 4)
Sense
Trim
Signal
Recovery
Sense Temperature
Coefficient Trim
0 Ampere
Offset Adjust
Hall Current
Drive
+5 V
IP+
IP+
IP–
IP–
VCC
VIOUT
FILTER
GND
1
2
3
4
8
7
6
5
Terminal List Table
Number
Name
Description
1 and 2
IP+
Terminals for current being sampled; fused internally
3 and 4
IP–
Terminals for current being sampled; fused internally
5
GND
Signal ground terminal
6
FILTER
Terminal for external capacitor that sets bandwidth
7
VIOUT
Analog output signal
8
VCC
Device power supply terminal
Functional Block Diagram
Pin-out Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com