Electronic Components Datasheet Search
  English  ▼

X  

AD5270 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5270
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5270 Datasheet HTML 16Page - Analog Devices AD5270 Datasheet HTML 17Page - Analog Devices AD5270 Datasheet HTML 18Page - Analog Devices AD5270 Datasheet HTML 19Page - Analog Devices AD5270 Datasheet HTML 20Page - Analog Devices AD5270 Datasheet HTML 21Page - Analog Devices AD5270 Datasheet HTML 22Page - Analog Devices AD5270 Datasheet HTML 23Page - Analog Devices AD5270 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 20 of 24
SHUT-DOWN MODE
The AD5270/AD5271 can be shut down by executing the
software shutdown command, Command 9 (see Table 11), and
setting the LSB to 1. This feature places the RDAC in a zero-
power-consumption state where Terminal Ax is open circuited
and the Wiper Terminal Wx remains connected. It is possible to
execute any command from Table 11 while the AD5270/AD5271
are in shutdown mode. The parts can be taken out of shutdown
mode by executing Command 9 and setting the LSB to 0 or by a
software reset, Command 4 (see Table 11).
RESISTOR PERFORMANCE MODE
This mode activates a new, patented 1% end-to-end resistor
tolerance that ensures a ±1% resistor tolerance error on each
code, that is, code = half scale, RWA = 10 kΩ ± 100 Ω. See Table 2,
Table 3, Table 5, and Table 6 to verify which codes achieve ±1%
resistor tolerance. The resistor performance mode is activated by
programming Bit C2 of the control register.
RESET
The AD5270/AD5271 can be reset through software by executing
Command 4 (see Table 11). The reset command loads the
RDAC register with the contents of the most recently programmed
50-TP memory location. The RDAC register loads with
midscale if no 50-TP memory location has been previously
programmed.
Table 12. Write and Read to RDAC and 50-TP Memory
DIN
SDO1
Action
0x1C03
0xXXXX
Enable update of the wiper position and the 50-TP memory contents through the digital interface.
0x0500
0x1C03
Write 0x100 to the RDAC register; wiper moves to ¼ full-scale position.
0x0800
0x0500
Prepares data read from RDAC register.
0x0C00
0x100
Stores RDAC register content into the 50-TP memory. A 16-bit word appears out of SDO, where the last 10-bits contain
the contents of the RDAC register (0x100).
0x1800
0x0C00
Prepares data read of last programmed 50-TP memory monitor location.
0x0000
0xXX19
NOP Instruction 0 sends a 16-bit word out of SDO, where the six LSBs last six bits contain the binary address of the last
programmed 50-TP memory location, for example, 0x19 (see Table 13).
0x1419
0x0000
Prepares data read from Memory Location 0x19.
0x2000
0x0100
Prepares data read from the control register. Sends a 16-bit word out of SDO, where the last 10-bits contain the
contents of Memory Location 0x19.
0x0000
0xXXXX
NOP Instruction 0 sends a 16-bit word out of SDO, where the last four bits contain the contents of the control register.
If Bit C3 = 1, the fuse program command successful.
1
X is don’t care.
Table 13. Control Register Bit Map
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
C3
C2
C1
C0
Table 14. Control Register Bit Description
Bit Name
Description
C0
50-TP program enable
0 = 50-TP program disabled (default)
1 = enable device for 50-TP program
C1
RDAC register write protect
0 = wiper position frozen to value in 50-TP memory (default)1
1 = allow update of wiper position through digital interface
C2
R-performance enable
0 = RDAC resistor tolerance calibration enabled (default)
1 = RDAC resistor tolerance calibration disabled
C3
50-TP memory program success bit
0 = fuse program command unsuccessful (default)
1 = fuse program command successful
1
Wiper position frozen to the last value programmed in the 50-TP memory. The wiper is frozen to midscale if the 50-TP memory has not been previously programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com