Electronic Components Datasheet Search
  English  ▼

X  

AD5270 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5270
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5270 Datasheet HTML 16Page - Analog Devices AD5270 Datasheet HTML 17Page - Analog Devices AD5270 Datasheet HTML 18Page - Analog Devices AD5270 Datasheet HTML 19Page - Analog Devices AD5270 Datasheet HTML 20Page - Analog Devices AD5270 Datasheet HTML 21Page - Analog Devices AD5270 Datasheet HTML 22Page - Analog Devices AD5270 Datasheet HTML 23Page - Analog Devices AD5270 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 24 of 24
ORDERING GUIDE
Model1
RAW (kΩ)
Resolution
Temperature Range
Package Description
Package Option
Branding
AD5270BRMZ-20
20
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
D1X
AD5270BRMZ-20-RL7
20
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
D1X
AD5270BRMZ-50
50
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
DDP
AD5270BRMZ-50-RL7
50
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
DDP
AD5270BRMZ-100
100
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
D1W
AD5270BRMZ-100-RL7
100
1,024
−40°C to +125°C
10-Lead MSOP
RM-10
D1W
AD5270BCPZ-20-RL7
20
1,024
−40°C to +125°C
10-Lead LFCSP_WD
CP-10-9
DDY
AD5270BCPZ-100-RL7
100
1,024
−40°C to +125°C
10-Lead LFCSP_WD
CP-10-9
DDX
AD5271BRMZ-20
20
256
−40°C to +125°C
10-Lead MSOP
RM-10
DE0
AD5271BRMZ-20-RL7
20
256
−40°C to +125°C
10-Lead MSOP
RM-10
DE0
AD5271BRMZ-100
100
256
−40°C to +125°C
10-Lead MSOP
RM-10
DDZ
AD5271BRMZ-100-RL7
100
256
−40°C to +125°C
10-Lead MSOP
RM-10
DDZ
AD5271BCPZ-20-RL7
20
256
−40°C to +125°C
10-Lead LFCSP_WD
CP-10-9
DE2
AD5271BCPZ-100-RL7
100
256
−40°C to +125°C
10-Lead LFCSP_WD
CP-10-9
DE1
EVAL-AD5270SDZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2009–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08077-0-3/13(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com