Electronic Components Datasheet Search
  English  ▼

X  

PE4560 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4560
Description  MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4560 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4560 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4560 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4560 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4560
URL: http://www.pasternack.com/mcx-jack-standard-turret-terminal-connector-pe4560-p.aspx
MCX Jack Right Angle Bulkhead Connector Solder
Attachment Turret Terminal, .177 inch D Hole
PE4560
PE4560 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com