Electronic Components Datasheet Search
  English  ▼

X  

PE4560 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4560
Description  MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4560 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4560 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4560 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4560 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
Configuration
Connector
MCX Jack
Connector Specification
IEC 60169-36, CECC 22220
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.56 [14.22]
Width/Dia., in [mm]
0.235 [5.97]
Height, in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
MCX Jack
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D
Hole PE4560
PE4560
PE4560 REV 01
MCX Jack Right Angle Bulkhead Connector Solder
Attachment Turret Terminal, .177 inch D Hole


Similar Part No. - PE4560

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
354Kb / 3P
MCX Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4560

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44376 PASTERNACK-PE44376 Datasheet
258Kb / 3P
RP MCX Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44306 PASTERNACK-PE44306 Datasheet
254Kb / 3P
MCX Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE44392 PASTERNACK-PE44392 Datasheet
220Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE44377 PASTERNACK-PE44377 Datasheet
227Kb / 3P
RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PE4284 PASTERNACK-PE4284 Datasheet
220Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com