Electronic Components Datasheet Search
  English  ▼

X  

AD5271 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5271
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5271 Datasheet HTML 6Page - Analog Devices AD5271 Datasheet HTML 7Page - Analog Devices AD5271 Datasheet HTML 8Page - Analog Devices AD5271 Datasheet HTML 9Page - Analog Devices AD5271 Datasheet HTML 10Page - Analog Devices AD5271 Datasheet HTML 11Page - Analog Devices AD5271 Datasheet HTML 12Page - Analog Devices AD5271 Datasheet HTML 13Page - Analog Devices AD5271 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 11
VSS
2
2
A
3
3
W
4
4
SDO
10
9
8
SCLK
7
5
EXT_CAP
DIN
6
GND
AD5270/
AD5271
TOP VIEW
(Not to Scale)
SYNC
Figure 5. MSOP Pin Configuration
SYNC
VDD 1
VSS
2
A
3
W
4
SDO
10
9
8
SCLK
7
5
EXT_CAP
DIN
6 GND
NOTES
1. THE EXPOSED PAD IS LEFT FLOATING
OR IS TIED TO VSS.
AD5270/
AD5271
(EXPOSED
PAD)
Figure 6. LFCSP Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply. Decouple this pin with 0.1 μF ceramic capacitors and 10 μF capacitors.
2
A
Terminal A of RDAC. VSS ≤ VA ≤ VDD.
3
W
Wiper Terminal of RDAC. VSS ≤ VW ≤ VDD.
4
VSS
Negative Supply. Connect to 0 V for single-supply applications. Decouple this pin with 0.1 μF ceramic
capacitors and 10 μF capacitors.
5
EXT_CAP
External Capacitor. Connect a 1 μF capacitor between EXT_CAP and VSS. This capacitor must have a voltage
rating of ≥7 V.
6
GND
Ground Pin, Logic Ground Reference.
7
SDO
Serial Data Output. This pin can be used to clock data from the shift register in daisy-chain mode or in
readback mode. This open-drain output requires an external pull-up resistor even if it is not use.
8
DIN
Serial Data Line. This pin is used in conjunction with the SCLK line to clock data into or out of the 16-bit input
register.
9
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data can
be transferred at rates up to 50 MHz.
10
SYNC
Falling Edge Synchronization Signal. This is the frame synchronization signal for the input data. When SYNC
goes low, it enables the shift register and data is transferred in on the falling edges of the subsequent clocks.
The selected register is updated on the rising edge of SYNC following the 16th clock cycle. If SYNC is taken
high before the 16th clock cycle, the rising edge of SYNC acts as an interrupt, and the write sequence is
ignored by the RDAC.
EPAD
Exposed Pad
Leave floating or connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com