Electronic Components Datasheet Search
  English  ▼

X  

AD5271 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5271
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5271 Datasheet HTML 11Page - Analog Devices AD5271 Datasheet HTML 12Page - Analog Devices AD5271 Datasheet HTML 13Page - Analog Devices AD5271 Datasheet HTML 14Page - Analog Devices AD5271 Datasheet HTML 15Page - Analog Devices AD5271 Datasheet HTML 16Page - Analog Devices AD5271 Datasheet HTML 17Page - Analog Devices AD5271 Datasheet HTML 18Page - Analog Devices AD5271 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 15 of 24
0
–20
–40
–60
–100
–80
100
20kΩ
50kΩ
100kΩ
FREQUENCY (Hz)
1k
10k
100k
VDD/VSS= 5V/0V
CODE = HALF SCALE
NOISE BW = 22kHz
VIN = 1V rms
Figure 31. THD + N vs. Frequency
0.03
0.01
0
0.02
–0.01
–0.02
–0.04
–0.03
–1
4
9
14
19
TIME (µs)
20kΩ
50kΩ
100kΩ
Figure 32. Maximum Glitch Energy
45
35
30
40
25
20
0
15
10
5
2.7
3.2
3.7
4.2
4.7
5.2
20kΩ
50kΩ
100kΩ
VDD (V)
TA = 25°C
7.50
8.75
6.25
5.00
3.75
2.50
1.25
0
11.25
10.00
Figure 33. Maximum Code Loss vs. Voltage
0
–20
–30
–10
–40
–50
–100
–60
–70
–80
–90
0.001
0.01
0.1
1
20kΩ
50kΩ
100kΩ
VOLTAGE (VRMS)
VDD/VSS = 5V/0V
CODE = HALF SCALE
fIN = 1kHz
NOISE BW = 22kHz
Figure 34. THD + N vs. Amplitude
0.0010
0.0005
0
–0.0015
–0.0005
–0.0010
0
–10
10
20
30
40
50
60
TIME (µs)
VDD/VSS = 5V/0V
IAW = 200µA
CODE = HALF SCALE
Figure 35. Digital Feedthrough
70
60
50
40
0
30
20
10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
15.0
15.5
12.5
10.0
7.5
5.0
2.5
0
VDD/VSS = 5V/0V
20kΩ
50kΩ
100kΩ
Figure 36. Maximum Code Loss vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com