Electronic Components Datasheet Search
  English  ▼

X  

DAC8420EP Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8420EP
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420EP Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8420EP Datasheet HTML 2Page - Analog Devices DAC8420EP Datasheet HTML 3Page - Analog Devices DAC8420EP Datasheet HTML 4Page - Analog Devices DAC8420EP Datasheet HTML 5Page - Analog Devices DAC8420EP Datasheet HTML 6Page - Analog Devices DAC8420EP Datasheet HTML 7Page - Analog Devices DAC8420EP Datasheet HTML 8Page - Analog Devices DAC8420EP Datasheet HTML 9Page - Analog Devices DAC8420EP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DAC8420
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +18.0 V
VSS to GND
+0.3 V, −18.0 V
VSS to VDD
−0.3 V, +36.0 V
VSS to VVREFLO
−0.3 V, VSS − 2.0 V
VVREFHI to VVREFLO
+2.0 V, VDD − VSS
VVREFHI to VDD
+2.0 V, +33.0 V
IVREFHI, IVREFLO
10 mA
Digital Input Voltage to GND
−0.3 V, VDD + 0.3 V
Output Short-Circuit Duration
Indefinite
Operating Temperature Range
EP, FP, ES, FS, EQ, FQ
–40°C to +85°C
Dice Junction Temperature
150°C
Storage Temperature Range
–65°C to +150°C
Power Dissipation
1000 mW
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4.
Package Type
θJA
θJC
Unit
16-Lead PDIP (N)
701
27
°C/W
16-Lead CERDIP (Q)
821
9
°C/W
16-Lead SOIC (RW)
862
22
°C/W
1 θJA is specified for worst case mounting conditions, that is, θJA is specified for
device in socket.
2 θJA is specified for device on board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com