Electronic Components Datasheet Search
  English  ▼

X  

DAC8420EP Datasheet(PDF) 14 Page - Analog Devices

Part # DAC8420EP
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420EP Datasheet(HTML) 14 Page - Analog Devices

Back Button DAC8420EP Datasheet HTML 10Page - Analog Devices DAC8420EP Datasheet HTML 11Page - Analog Devices DAC8420EP Datasheet HTML 12Page - Analog Devices DAC8420EP Datasheet HTML 13Page - Analog Devices DAC8420EP Datasheet HTML 14Page - Analog Devices DAC8420EP Datasheet HTML 15Page - Analog Devices DAC8420EP Datasheet HTML 16Page - Analog Devices DAC8420EP Datasheet HTML 17Page - Analog Devices DAC8420EP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DAC8420
Rev. B | Page 14 of 24
THEORY OF OPERATION
INTRODUCTION
The DAC8420 is a quad, voltage-output 12-bit DAC with a serial
digital input capable of operating from a single 5 V supply. The
straightforward serial interface can be connected directly to
most popular microprocessors and microcontrollers, and can
accept data at a 10 MHz clock rate when operating from ±15 V
supplies. A unique voltage reference structure ensures maximum
utilization of the DAC output resolution by allowing the user to
set the zero-scale and full-scale output levels within the supply
rails. The analog voltage outputs are fully buffered, and are
capable of driving a 2 kΩ load. Output glitch impulse during
major code transitions is a very low 64 nV-s (typ).
DIGITAL INTERFACE OPERATION
The serial input of the DAC8420, consisting of CS, SDI, and
LD, is easily interfaced to a wide variety of microprocessor serial
ports. While CS is low, the data presented to the input SDI is
shifted into the internal serial-to-parallel shift register on the
rising edge of the clock, with the address MSB first, data LSB
last, as shown in Table 6 and in the timing diagram (Figure 2).
The data format, shown in Table 8, is two bits of DAC address
and two don’t care fill bits, followed by the 12-bit DAC data-
word. Once all 16 bits of the serial data-word have been input,
the load control LD is strobed and the word is parallel-shifted
out onto the internal data bus. The two address bits are decoded
and used to route the 12-bit data-word to the appropriate DAC
data register (see the Applications section).
CORRECT OPERATION OF CS AND CLK
In Table 6, the control pins CLK and CS require some attention
during a data load cycle. Since these two inputs are fed to the
same logical OR gate, the operation is in fact identical. The user
must take care to operate them accordingly to avoid clocking in
false data bits. In the timing diagram, CLK must be halted high
or CS must be brought high during the last high portion of the
CLK following the rising edge that latched in the last data bit.
Otherwise, an additional rising edge is generated by CS rising
while CLK is low, causing CS to act as the clock and allowing a
false data bit into the serial input register. The same issue must
also be considered in the beginning of the data load sequence.
USING CLR AND CLSEL
The clear (CLR) control allows the user to perform an asyn-
chronous reset function. Asserting CLR loads all four DAC
data-word registers, forcing the DAC outputs to either zero
scale (0x000) or midscale (0x800), depending on the state of
CLSEL as shown in Table 6. The clear function is asynchronous
and totally independent of CS. When CLR returns high, the
DAC outputs remain latched at the reset value until LD is
strobed, reloading the individual DAC data-word registers
with either the data held in the serial input register prior to the
reset or with new data loaded through the serial interface.
Table 7. DAC Address Word Decode Table
A1
A0
DAC Addressed
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
PROGRAMMING THE ANALOG OUTPUTS
The unique differential reference structure of the DAC8420
allows the user to tailor the output voltage range precisely to
the needs of the application. Instead of spending DAC resolu-
tion on an unused region near the positive or negative rail, the
DAC8420 allows the user to determine both the upper and
lower limits of the analog output voltage range. Thus, as shown
in Table 9 and Figure 30, the outputs of DAC A through DAC D
range between VREFHI and VREFLO, within the limits specified
in the Specifications section. Note also that VREFHI must be
greater than VREFLO.
1 LSB
2.5V MIN
0V MIN
VDD
VVREFHI
VVREFLO
VSS
–10V MIN
2.5V MIN
0x000
0xFFF
Figure 30. Output Voltage Range Programming
Table 8.
(FIRST)
(LAST)
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
A1
A0
NC
NC
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
—Address Word—
(MSB)
—DAC Data-Word—
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com