Electronic Components Datasheet Search
  English  ▼

X  

DAC8420ES Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8420ES
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420ES Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8420ES Datasheet HTML 7Page - Analog Devices DAC8420ES Datasheet HTML 8Page - Analog Devices DAC8420ES Datasheet HTML 9Page - Analog Devices DAC8420ES Datasheet HTML 10Page - Analog Devices DAC8420ES Datasheet HTML 11Page - Analog Devices DAC8420ES Datasheet HTML 12Page - Analog Devices DAC8420ES Datasheet HTML 13Page - Analog Devices DAC8420ES Datasheet HTML 14Page - Analog Devices DAC8420ES Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DAC8420
Rev. B | Page 11 of 24
0.2
–0.6
125
–0.4
–0.5
–50
–75
–0.2
–0.3
–0.1
0
0.1
100
75
50
25
0
–25
TEMPERATURE (
°C)
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DAC A
DAC B
DAC C
DAC D
Figure 12. Full-Scale Error vs. Temperature
1.2
–0.4
125
0
–0.2
–50
–75
0.4
0.2
0.6
0.8
1.0
100
75
50
25
0
–25
TEMPERATURE (
°C)
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DAC A
DAC B
DAC C
DAC D
Figure 13. Zero-Scale Error vs. Temperature
0.9
–0.9
4500
–0.5
–0.7
500
0
–0.1
–0.3
0.1
0.3
0.5
0.7
4000
3500
3000
2500
2000
1500
1000
DIGITAL INPUT CODE
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 14. Channel-to-Channel Matching
1.5
4500
–1.5
500
0
–0.5
–1.0
0
0.5
1.0
4000
3500
3000
2500
2000
1500
1000
DIGITAL INPUT CODE
TA = +25°C
VDD = +5V
VSS = 0V
VVREFHI = +2.5V
VVREFLO = 0V
Figure 15. Channel-to-Channel Matching
13
4
13
6
5
–5
–7
8
7
9
10
11
12
11
9
7
5
3
1
–1
–3
0
VVREFHI (V)
TA = +25°C
VDD = +15V
VSS = –15V
VVREFLO = –10V
Figure 16. IDD vs. VVREFHI, All DACs High
0.8
–0.1
4500
0.1
0
500
0
0.3
0.2
0.4
0.5
0.6
0.7
4000
3500
3000
2500
2000
1500
1000
DIGITAL INPUT CODE
–0.4
–0.2
–0.3
TA = +25°C, –55°C, 125°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 17. INL vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com