Electronic Components Datasheet Search
  English  ▼

X  

DAC8420ES Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8420ES
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420ES Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8420ES Datasheet HTML 8Page - Analog Devices DAC8420ES Datasheet HTML 9Page - Analog Devices DAC8420ES Datasheet HTML 10Page - Analog Devices DAC8420ES Datasheet HTML 11Page - Analog Devices DAC8420ES Datasheet HTML 12Page - Analog Devices DAC8420ES Datasheet HTML 13Page - Analog Devices DAC8420ES Datasheet HTML 14Page - Analog Devices DAC8420ES Datasheet HTML 15Page - Analog Devices DAC8420ES Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DAC8420
Rev. B | Page 12 of 24
1.5
–1.0
4500
–0.5
500
0
0
0.5
1.0
4000
3500
3000
2500
2000
1500
1000
DIGITAL INPUT CODE
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 18. IVREFHI vs. Code
TA = +25°C
VDD = +5V
VSS = –5V
VVREFHI = +2.5V
VVREFLO = –2.5V
1.22mV
1 LSB
0mV
–10.25mV
–2.50µV
–4.9µs
5µs/DIV
45.1µs
tSETT
8µs
LD
Figure 19. Positive Settling Time (±5 V)
0mV
1 LSB
1.22mV
3.5mV
6.5mV
CLR
–4.9µs
5µs/DIV
45.1µs
tSETT
8µs
TA = +25°C
VDD = +5V
VSS = –5V
VVREFHI = +2.5V
VVREFLO = –2.5V
Figure 20. Negative Settling Time (±5 V)
4.88mV
1 LSB
0mV
–18.75mV
31.25mV
LD
–9.8µs
10µs/DIV
90.2µs
tSETT 13µs
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 21. Positive Settling Time (±15 V)
0mV
1 LSB
–4.88mV
–6.25mV
43.75mV
CLR
–9.8µs
10µs/DIV
90.2µs
tSETT 13µs
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 22. Negative Settling Time (±15 V)
+1V/DIV
–5V
5V
–47.6µs
20µs/DIV
152.4µs
TA = +25°C
VDD = +5V
VSS = –5V
VVREFHI = +2.5V
VVREFLO = –2.5V
0
SRRISE = 1.65
V
µs
SRFALL = 1.17
V
µs
Figure 23. Slew Rate (±5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com