Electronic Components Datasheet Search
  English  ▼

X  

RT360 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 4 Page - Amphenol Corporation

  RT360 Datasheet HTML 1Page - Amphenol Corporation RT360 Datasheet HTML 2Page - Amphenol Corporation RT360 Datasheet HTML 3Page - Amphenol Corporation RT360 Datasheet HTML 4Page - Amphenol Corporation RT360 Datasheet HTML 5Page - Amphenol Corporation RT360 Datasheet HTML 6Page - Amphenol Corporation RT360 Datasheet HTML 7Page - Amphenol Corporation RT360 Datasheet HTML 8Page - Amphenol Corporation RT360 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1
www.sineco.com
RT360™ industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert arrangements with a
variety of wire gauge options. RT360 industrial circular connectors were designed to be intermateable with other industrial
connector families.
RT Series
•
6 shell sizes and 11 insert configurations
• Offer standard insert arrangements from 4-28
contacts, mixed Power and Signal arrangements
•
Operating voltage of 300V
•
Current rating: 13A(signal contacts)
•
Alternate keying positions available
•
Plastic inserts with flammability rating of UL94-VO
•
RoHS compliant
RTOW Series
•
6 shell sizes and 5 insert configurations
•
Mating with MIL-C-24682 series connectors
•
High density arrangements from 6-32 contacts
•
Operating voltage of 150V
•
Current rating of 7.5A with machined contacts
and 5A with stamped and formed contacts
•
Alternate keying positions available
•
Plastic inserts with flammability rating of UL94-VO
•
RoHS compliant
RTHP Series
•
4 shell sizes and 5 insert configurations
•
Single pole High Power arrangements
•
3.6mm-10mm contact sizes
•
Operating voltage of 630V
•
Current rating: 56A-455A (see page 5)
•
Plastic inserts with flammability rating of UL94-VO
•
RoHS compliant
RTHP Series
RT Series
RTOW Series
Description
Features & Benefits
TECHNICAL DATA
RT Series
RTOW Series
RTHP Series
Temperature Range
-40°C to +105°C or 125°C
-40°C to +125°C
Protection
IP67, IP68
IP67, IP68
DATA - ACCORDING TO UL 840
RT Series
RTOW Series
RTHP Series
Degree of Protection
3
Over Voltage Category
III
MATERIALS
RT Series
RTOW Series
RTHP Series
Housing Body
Zinc alloy, Die-cast
Coupling Nut
Aluminum alloy, Nickel-plated
Insulation Inserts
Thermosplastic, UL 94 / V0
Contacts
Brass, Gold-plated
Seals
Silicone
ELECTRICAL DATA
RT Series
RTOW Series
RTHP Series
Max. Current (Max. Wire Gauge)
Max. 40A
Max. 7.5A
Max. 455A
Maximum Voltage
300V AC/DC
150V AC/DC
630V AC/DC
Contact Resistence
< 6 mΩ
< 15 mΩ
< 1 mΩ
Test Voltage (Between Contacts)
2000V
1500V
6000V
Minimum Mating Cycles
> 200
Salt Spray Resistance
48,96h(customized 200,500h)
Shielded
Cord Grip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com