Electronic Components Datasheet Search
  English  ▼

X  

RT360 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # RT360
Description  industrial circular connectors are multiway connector available in 6 shell sizes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT360 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button RT360 Datasheet HTML 3Page - Amphenol Corporation RT360 Datasheet HTML 4Page - Amphenol Corporation RT360 Datasheet HTML 5Page - Amphenol Corporation RT360 Datasheet HTML 6Page - Amphenol Corporation RT360 Datasheet HTML 7Page - Amphenol Corporation RT360 Datasheet HTML 8Page - Amphenol Corporation RT360 Datasheet HTML 9Page - Amphenol Corporation RT360 Datasheet HTML 10Page - Amphenol Corporation RT360 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
4
www.sineco.com
Contact Size
Wire Range
Plating
Male P/N
Female P/N
AWG
mm
2.5mm
NA
2.5
Tin
SP12A1T
SS12A1T
16
14
2.5
Gold Flash
SP14M1F
SS14M1F
Gold 10u”
SP14M1G10
SS14M1G10
Gold 30u”
SP14M1G30
SS14M1G30
16
18-16
.75-1.5
Gold Flash
SP16M1F
SS16M1F
Gold 10u”
SP16M1G10
SS16M1G10
Gold 30u”
SP16M1G30
SS16M1G30
16
22-20
.34-.50
Gold Flash
SP20M1F
SS20M1F
Gold 10u”
SP20M1G10
SS20M1G10
Gold 30u”
SP20M1G30
SS20M1G30
16
26-24
.14-.25
Gold Flash
SP24M1F
SS24M1F
Gold 10u”
SP24M1G10
SS24M1G10
Gold 30u”
SP24M1G30
SS24M1G30
20
22-20
.34-.50
Gold Flash
SP20W1F
SS20W1F
Gold 10u”
SP20W1G10
SS20W1G10
Gold 30u”
SP20W1G30
SS20W1G30
20
26-24
.14-.25
Gold Flash
SP24W1F
SS24W1F
Gold 10u”
SP24W1G10
SS24W1G10
Gold 30u”
SP24W1G30
SS24W1G30
SERIES
WIRE SIzE
AWG CRImP
CONTACT SIzE
CONTACT PACKAGING
DESIGN VARIATION
PLATING
*
*
*
*
*
*
SERIES
- SP: Male; SS: Female
WIRE SIzE
- 2.5mm: 2.5mm; 16: 18-16AWG (.75-1.5mm); 20: 22-20AWG (.34-.50mm);
24: 26-24AWG (.14-.25mm); 28: 30-28AWG (.05-.08mm)
CONTACT SIzE
- m: Size 16; W: Size 20; A: 2.5mm contact
CONTACT PACKAGING
- Blank: 3,000 pc reel; L: Loose Piece
DESIGN VARIATION
- 1: Crimp type
PLATING
- T: Tin; f: Gold Flash; G: Gold Plate [Thickness: 10u”]; G30: Gold Plate [Thickness: 30u”]; N: Nickel; S: Silver
Part Ordering Guide - RT/RTOW Series Stamped & formed Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com