Electronic Components Datasheet Search
  English  ▼

X  

92FG Datasheet(PDF) 23 Page - Aavid, Thermal Division of Boyd Corporation

Part # 92FG
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

92FG Datasheet(HTML) 23 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 92FG Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
23
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5085, 5086, 5087
Extruded epoxy attach on heat sink with straight fins
Extruded epoxy attach on heat sink
with straight fins attaches to 24, 28,
and 40 pin DIP packages quickly and
easily. May be added before or after
final board assembly. No additional
board space is required.
13.46
(0.530)
4.83
(0.190)
"A"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
508600
508500
508700
ORDERING INFORMATION
Part Number
DIP Package
“A” Dim
508500B00000G
24 pin
31.75 (1.250)
508600B00000G
28 pin
36.83 (1.450)
508700B00000G
40 pin
50.80 (2.000)
Material: Aluminum
Finish: Black Anodize
6284
Extruded epoxy attach heat sink
Extruded epoxy attach heat sink
which requires no additional board
space is suitable for narrow DIP
packages. May be added before
or after final board assembly. No
additional board space is required.
Attaches to 28 pin DIP.
13.46
(0.530)
12.06
(0.475)
36.83
(1.450)
REF
REF
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
25
0
20
40
60
80
100
01
2
3
4
5
20
15
5
10
0
0
400
200
600
800
1000
ORDERING INFORMATION
Part Number
Description
6284BG
Extruded epoxy attach heat sink for 28 pin DIP
Material: Aluminum
Finish: Black Anodize
DIPS
5011, 5012
Extruded epoxy attach heat sink with straight fins
Extruded epoxy attach heat sink with
straight fins attaches to 14 and 16 pin
DIP packages quickly and easily. May be
added before or after final board assembly.
No additional board space is required.
Available in two fin directions.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
100
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
80
60
20
40
0
0
400
200
600
800
1000
501200
501100
501
1–
50
12
19.05
(0.750)
REF
6.35
(0.250)
REF
4.82
(0.190)
ORDERING INFORMATION
Part Number
Description
Figure
501100B00000G
Extruded epoxy attach heat sink with straight fins
A
501200B00000G
Extruded epoxy attach heat sink with straight fins
B
Material: Aluminum
Finish: Black Anodize
4.83
(0.190)
18.57
(0.730)
6.35
(0.250)
FIGURE A
FIGURE B
For epoxy information see pages 114-115.
For epoxy information see pages 114-115.
For epoxy information see pages 114-115.
Grease
Epoxy
&
page112
Grease
Epoxy
&
page112
Grease
Epoxy
&
page112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com