Electronic Components Datasheet Search
  English  ▼

X  

92FG Datasheet(PDF) 63 Page - Aavid, Thermal Division of Boyd Corporation

Part # 92FG
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

92FG Datasheet(HTML) 63 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 92FG Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation 92FG Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
63
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-202 Heat Sinks
ORDERING INFORMATION
5063
Low profile hat section heat sink
Low profile hat section heat sink
has a total height of 0.375 making
it perfect for mounting to printed
circuit boards with 0.500 centering
between boards.
44.45
(1.750)
13.46
(0.530)
17.78
(0.700)
ø 3.66
(0.144)
THRU
7.78
(0.700)
9.52
(0.375)
10.41
(0.410)
5.59
(0.220)
NOTCH IS
0.410 WIDE
X 0.220 DEEP
Part Number
Description
506304B00000G
Hat section heat sink
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
ORDERING INFORMATION
14.66
(0.577)
7.75
(0.305)
6.35
(0.250)
20.32
(0.800)
9.40
(0.370)
10.16
(0.400)
2.36
(0.093)
ø
DITTIN
Part Number
Finish
574004B00000G
Black anodize
574004U00000G
Unfinished
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Low cost slide on heat sink
provides positive retention with
an integral locking tab. The spring
tension ensures excellent thermal
contact for maximum performance.
Requires no hardware to mount.
5740
Low cost slide on heat sink
5742, 5796, 5797 Low cost slide on cooler heat sink
Low cost slide on cooler heat sink
is easy to assemble to the device
and requires no mounting hardware.
Models have fins on both sides, or
the left or right. Available with or
without staked on solderable tab
for easy board mounting.
10.67
(0.420)
REF
(0.420)
10.67
(1.020)
25.91
(0.900)
22.86
(0.380)
9.52
(0.062)
1.57
(0.020)
0.51
(0.990)
25.15
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
579604
579704
574204
Part Number
Description
Figure
574204B00000G
Low cost slide on cooler, no solderable tabs
A
574204B03300G
With solderable tabs
A
1.910 (0.075)
579604B00000G
With left side fin only, no solderable tabs
B
579604B03300G
With left side fin only and solderable tabs
B
1.910 (0.075)
579704B00000G
With right side fin only, no solderable tabs
B
579704B03300G
With right side fin only and solderable tabs
B
1.910 (0.075)
ORDERING INFORMATION
15.88
(0.630)
18.92
(0.750)
10.67
(0.420)
18.54
(0.730)
2.36
(0.093)
5.97
(0.240)
ø
0.51
(0.020)
10.67
(0.420)
REF
(0.900)
22.86
(0.380)
9.52
(0.062)
1.57
TAB
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize
Material: 0.63 (0.025) Thick Aluminum
Finish: See Table
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
Dia of PCB
Plated Thru
Hole for Tabs
Note: Fins on Left or Right. Right hand fin model shown.
FIGURE A
FIGURE B
For additional options see page 84
For additional options see page 84
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com