Electronic Components Datasheet Search
  English  ▼

X  

LAN8710AI Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 15Page - SMSC Corporation LAN8710AI Datasheet HTML 16Page - SMSC Corporation LAN8710AI Datasheet HTML 17Page - SMSC Corporation LAN8710AI Datasheet HTML 18Page - SMSC Corporation LAN8710AI Datasheet HTML 19Page - SMSC Corporation LAN8710AI Datasheet HTML 20Page - SMSC Corporation LAN8710AI Datasheet HTML 21Page - SMSC Corporation LAN8710AI Datasheet HTML 22Page - SMSC Corporation LAN8710AI Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
19
Revision 1.4 (08-23-12)
DATASHEET
Chapter 3 Functional Description
This chapter provides functional descriptions of the various device features. These features have been
categorized into the following sections:
Transceiver
Auto-negotiation
HP Auto-MDIX Support
MAC Interface
Serial Management Interface (SMI)
Interrupt Management
Configuration Straps
Miscellaneous Functions
Application Diagrams
3.1
Transceiver
3.1.1
100BASE-TX Transmit
The 100BASE-TX transmit data path is shown in Figure 3.1. Each major block is explained in the
following subsections.
3.1.1.1
100BASE-TX Transmit Data Across the MII/RMII Interface
For MII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate
valid data. The data is latched by the transceiver’s MII block on the rising edge of TXCLK. The data
is in the form of 4-bit wide 25MHz data.
Figure 3.1 100BASE-TX Transmit Data Path
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
CAT-5
RJ45
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
MII/RMII
25MHz
by 4 bits
Ext Ref_CLK (for RMII only)
PLL
MII 25 Mhz by 4 bits
or
RMII 50Mhz by 2 bits
MLT-3
Magnetics
125 Mbps Serial
TX_CLK
(for MII only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com