Electronic Components Datasheet Search
  English  ▼

X  

LM555CM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CM
Description  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM555CM Datasheet HTML 7Page - Texas Instruments LM555CM Datasheet HTML 8Page - Texas Instruments LM555CM Datasheet HTML 9Page - Texas Instruments LM555CM Datasheet HTML 10Page - Texas Instruments LM555CM Datasheet HTML 11Page - Texas Instruments LM555CM Datasheet HTML 12Page - Texas Instruments LM555CM Datasheet HTML 13Page - Texas Instruments LM555CM Datasheet HTML 14Page - Texas Instruments LM555CM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM555
www.ti.com
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
VCC = 5V
Top Trace: Modulation Input 1V/Div.
TIME = 0.1 ms/DIV.
Bottom Trace: Output 2V/Div.
RA = 3.9kΩ
RB = 3kΩ
C = 0.01
μF
Figure 22. Pulse Position Modulator
LINEAR RAMP
When the pullup resistor, RA, in the monostable circuit is replaced by a constant current source, a linear ramp is
generated. Figure 23 shows a circuit configuration that will perform this function.
Figure 23.
Figure 24 shows waveforms generated by the linear ramp.
The time interval is given by:
(6)
VBE ≃ 0.6V
(7)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com