Electronic Components Datasheet Search
  English  ▼

X  

LM555CM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CM
Description  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CM Datasheet(HTML) 3 Page - Texas Instruments

  LM555CM Datasheet HTML 1Page - Texas Instruments LM555CM Datasheet HTML 2Page - Texas Instruments LM555CM Datasheet HTML 3Page - Texas Instruments LM555CM Datasheet HTML 4Page - Texas Instruments LM555CM Datasheet HTML 5Page - Texas Instruments LM555CM Datasheet HTML 6Page - Texas Instruments LM555CM Datasheet HTML 7Page - Texas Instruments LM555CM Datasheet HTML 8Page - Texas Instruments LM555CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM555
www.ti.com
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
Electrical Characteristics
(1) (2)
(TA = 25°C, VCC = +5V to +15V, unless otherwise specified)
Limits
Parameter
Test Conditions
LM555C
Units
Min
Typ
Max
Supply Voltage
4.5
16
V
Supply Current
VCC = 5V, RL = ∞
3
6
mA
VCC = 15V, RL = ∞
10
15
(Low State) (3)
Timing Error, Monostable
Initial Accuracy
1
%
Drift with Temperature
RA = 1k to 100kΩ,
50
ppm/°C
C = 0.1
μF, (4)
Accuracy over Temperature
1.5
%
Drift with Supply
0.1
%/V
Timing Error, Astable
Initial Accuracy
2.25
%
Drift with Temperature
RA, RB = 1k to 100kΩ,
150
ppm/°C
C = 0.1
μF, (4)
Accuracy over Temperature
3.0
%
Drift with Supply
0.30
%/V
Threshold Voltage
0.667
x VCC
Trigger Voltage
VCC = 15V
5
V
VCC = 5V
1.67
V
Trigger Current
0.5
0.9
μA
Reset Voltage
0.4
0.5
1
V
Reset Current
0.1
0.4
mA
Threshold Current
(5)
0.1
0.25
μA
Control Voltage Level
VCC = 15V
9
10
11
V
VCC = 5V
2.6
3.33
4
Pin 7 Leakage Output High
1
100
nA
Pin 7 Sat (6)
Output Low
VCC = 15V, I7 = 15mA
180
mV
Output Low
VCC = 4.5V, I7 = 4.5mA
80
200
mV
Output Voltage Drop (Low)
VCC = 15V
ISINK = 10mA
0.1
0.25
V
ISINK = 50mA
0.4
0.75
V
ISINK = 100mA
2
2.5
V
ISINK = 200mA
2.5
V
VCC = 5V
ISINK = 8mA
V
ISINK = 5mA
0.25
0.35
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Supply current when output high typically 1 mA less at VCC = 5V.
(4)
Tested at VCC = 5V and VCC = 15V.
(5)
This will determine the maximum value of RA + RB for 15V operation. The maximum total (RA + RB) is 20MΩ.
(6)
No protection against excessive pin 7 current is necessary providing the package dissipation rating will not be exceeded.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com