Electronic Components Datasheet Search
  English  ▼

X  

LM555CMM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 11Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 12Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 13Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 14Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 15Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM555
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
VCC = 5V
Top Trace: Input 3V/Div.
TIME = 20
μs/DIV.
Middle Trace: Output 5V/Div.
R1 = 47kΩ
Bottom Trace: Capacitor Voltage 1V/Div.
R2 = 100kΩ
RE = 2.7 kΩ
C = 0.01
μF
Figure 24. Linear Ramp
50% DUTY CYCLE OSCILLATOR
For a 50% duty cycle, the resistors RA and RB may be connected as in Figure 25. The time period for the output
high is the same as previous, t1 = 0.693 RA C. For the output low it is t2 =
(8)
Thus the frequency of oscillation is:
(9)
Figure 25. 50% Duty Cycle Oscillator
Note that this circuit will not oscillate if RB is greater than 1/2 RA because the junction of RA and RB cannot bring
pin 2 down to 1/3 VCC and trigger the lower comparator.
ADDITIONAL INFORMATION
Adequate power supply bypassing is necessary to protect associated circuitry. Minimum recommended is 0.1
μF
in parallel with 1
μF electrolytic.
Lower comparator storage time can be as long as 10
μs when pin 2 is driven fully to ground for triggering. This
limits the monostable pulse width to 10
μs minimum.
Delay time reset to output is 0.47
μs typical. Minimum reset pulse width must be 0.3μs, typical.
Pin 7 current switches within 30ns of the output (pin 3) voltage.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com