Electronic Components Datasheet Search
  English  ▼

X  

MPC5607B Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MPC5607B Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC5607B Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 6
Ordering information
Freescale Semiconductor
104
6
Ordering information
Figure 43. Commercial product code structure
1 208 MAPBGA is available only as development package for Nexus2+.
Qualification Status
Power Architecture Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Temperature spec.
MPC
56
B
M
LL
6
Example code:
07
Package Code
Frequency
Qualification Status
M = general market qualified
S = Automotive qualified
P = Engineering samples
Automotive Platform
56 = PPC in 90nm
Core Version
0 = e200z0
Flash Size (for z0 core)
5 = 768 KB
6 = 1024 KB
7 = 1.5 MB
Product
B = Body
Fab and Mask Indicator
F = ATMC Fab
0 = Version of the maskset
A = Mask set indicator (Blank = 1st
production maskset, A = 2nd,
B = 3rd, etc)
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C = -40 to 85 °C
V = -40 to 105 °C
M = -40 to 125 °C
Package Code
LL = 100 LQFP
LQ = 144 LQFP
LU = 176 LQFP
MG = 208 MAPBGA1
Frequency
4 = Up to 48 MHz
6 = Up to 64 MHz
Fab and Mask Indicator
F1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com