Electronic Components Datasheet Search
  English  ▼

X  

MPC5607B Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MPC5607B Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC5607B Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 110Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 6
Revision history
Freescale Semiconductor
106
7
Revision history
Table 51 summarizes revisions to this document.
Table 51. Revision history
Revision
Date
Substantive changes
1
12-Jan-2009 Initial release
2
09 Nov-2009 Updated Features
Replaced 27 IRQs in place of 23
ADC features
External Ballast resistor support conditions
Updated device summary-added 208 BGA details
Updated block diagram to include WKUP
Updated block diagram to include 5 ch ADC 12 -bit
Updated Block summary table
Updated LQFP 144, 176 and 100 pinouts. Applied new naming convention for ADC
signals as ADCx_P[x] and ADCx_S[x]
Section 1, “General description
Updated MPC5607B device comparison table
Updated block diagram-aligned with 512k
Updated block summary-aligned with 512k
Section 2, “Package pinouts
Updated 100,144,176,208 packages according to cut2.0 changes
Added Section 3.5.1, “External ballast resistor recommendations
Added NVUSRO [WATCHDOG_EN] field description
Updated Absolute maximum ratings
Updated LQFP thermal characteristics
Updated I/O supply segments
Updated Voltage regulator capacitance connection
Updated Low voltage monitor electrical characteristics
Updated Low voltage power domain electrical characteristics
Updated DC electrical characteristics
Updated Program/Erase specifications
Updated Conversion characteristics (10 bit ADC)
Updated FMPLL electrical characteristics
Updated Fast RC oscillator electrical characteristics-aligned with MPC5604B
Updated On-chip peripherals current consumption
Updated ADC characteristics and error definitions diagram
Updated ADC conversion characteristics (10 bit and 12 bit)
Added ADC characteristics and error definitions diagram for 12 bit ADC
3
25 Jan-2010 Updated Features
Updated block diagram to connect peripherals to pad I/O
Updated block summary to include ADC 12-bit
Updated 144, 176 and 100 pinouts to adjust format issues
Table 26 Flash module life-retention value changed from 1-5 to 5 yrs
Minor editing changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com