Electronic Components Datasheet Search
  English  ▼

X  

HT45F4M Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
Rev. 1.10
10�
�an�a�� 1�� �01�
Rev. 1.10
10�
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
OCVPR3 Register
Bit
7
6
5
4
3
2
1
0
Name
CAOFM
CARS
CAOF�
CAOF4
CAOF�
CAOF�
CAOF1
CAOF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
0
0
0
0
0
Bit7
CAOFM:OverVoltageProtectionComparatorInputOffsetVoltageCancellation
ModeSelect
0:Comparatormode
1:InputOffsetVoltageCancellationmode
Bit6
CARS:OverVoltageProtectionComparatorOffsetVoltageCancellationReference
InputSelect
0:Comparatornegativeinputselected
1:Comparatorpositiveinputselected
Bit5~0
CAOF5~CAOF0:OverVoltageProtectionComparatorInputVoltageOffsetCancellation
Setting
OCVPR4 Register
Bit
7
6
5
4
3
2
1
0
Name
CBOFM
CBRS
CBOF�
CBOF4
CBOF�
CBOF�
CBOF1
CBOF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
0
0
0
0
0
Bit7
CBOFM:OverCurrentProtectionComparatorInputOffsetVoltageCancellation
ModeSelect
0:Comparatormode
1:InputOffsetVoltageCancellationmode
Bit6
CBRS:OverCurrentProtectionComparatorOffsetVoltageCancellationReference
InputSelect
0:Comparatornegativeinputselected
1:Comparatorpositiveinputselected
Bit5~0
CBOF5~CBOF0:OverCurrentProtectionComparatorInputVoltageOffsetCancellation
Setting
OCVPR5 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
AX
CBX
CAX
R/W
—
—
—
—
—
R
R
R
POR
—
—
—
—
—
x
x
x
“x”: �nknown
Bit7~3
Unimplemented,readas“0”.
Bit2
AX:OverCurrentProtectionOperationalAmplifierDigitalOutput
0:positiveinputvoltage<negativeinputvoltage
1:positiveinputvoltage>negativeinputvoltage
Bit1
CBX:OverCurrentProtectionComparatorDigitalOutput
0:positiveinputvoltage<negativeinputvoltage
1:positiveinputvoltage>negativeinputvoltage
Bit0
CAX:OverVoltageProtectionComparatorDigitalOutput
0:positiveinputvoltage<negativeinputvoltage
1:positiveinputvoltage>negativeinputvoltagel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com