Electronic Components Datasheet Search
  English  ▼

X  

HT45F4M Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
Rev. 1.10
106
�an�a�� 1�� �01�
Rev. 1.10
107
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Function
Enable Bit
Request Flag
Notes
Global
EMI
—
—
INTn Pin
INTnE
INTnF
n= 0 o� 1
OVP
OVPE
OVPF
—
OCP
OCPE
OCPF
—
A/D Conve�te�
ADE
ADF
—
M�lti-f�nction
MFnE
MFnF
n= 0~�
Time Base
TBnE
TBnF
n= 0 o� 1
LVD
LVE
LVF
—
EEPROM
DEE
DEF
—
TM
TnPE
TnPF
n= 0 o� 1
TnAE
TnAF
Interrupt Register Bit Naming Conventions
Interrupt Register Contents
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
INTEG
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
—
INT0F
OCPF
OVPF
INT0E
OCPE
OVPE
EMI
INTC1
ADF
MF�F
MF1F
MF0F
ADE
MF�E
MF1E
MF0E
INTC�
—
INT1F
TB1F
TB0F
—
INT1E
TB1E
TB0E
MFI0
—
—
T0AF
T0PF
—
—
T0AE
T0PE
MFI1
—
—
T1AF
T1PF
—
—
T1AE
T1PE
MFI�
—
—
DEF
LVF
—
—
DEE
LVE
INTEG Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
INT1S1
INT1S0
INT0S1
INT0S0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas"0"
Bit3~2
INT1S1, INT1S0:DefinesINT1interruptactiveedge
00:DisabledInterrupt
01:RisingEdgeInterrupt
10:FallingEdgeInterrupt
11:DualEdgeInterrupt
Bit1~0
INT0S1, INT0S0:DefinesINT0interruptactiveedge
00:DisabledInterrupt
01:RisingEdgeInterrupt
10:FallingEdgeInterrupt
11:DualEdgeInterrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com