Electronic Components Datasheet Search
  English  ▼

X  

PCT2075 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCT2075
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCT2075 Datasheet HTML 1Page - NXP Semiconductors PCT2075 Datasheet HTML 2Page - NXP Semiconductors PCT2075 Datasheet HTML 3Page - NXP Semiconductors PCT2075 Datasheet HTML 4Page - NXP Semiconductors PCT2075 Datasheet HTML 5Page - NXP Semiconductors PCT2075 Datasheet HTML 6Page - NXP Semiconductors PCT2075 Datasheet HTML 7Page - NXP Semiconductors PCT2075 Datasheet HTML 8Page - NXP Semiconductors PCT2075 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
5 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
6.2 Pin description
[1]
HWSON8 package die supply ground is connected to both the GND pin and the exposed center pad. The
GND pin must be connected to supply ground for proper device operation. For enhanced thermal,
electrical, and board-level performance, the exposed pad should be soldered to the board using a
corresponding thermal pad on the board, and for proper head conduction through the board thermal vias
need to be incorporated in the PCB in the thermal pad region.
Table 3.
Pin description for SO8, TSSOP8 and HWSON8
Symbol
Pin
Description
SDA
1
Digital I/O. I2C-bus serial bidirectional data line; open-drain.
SCL
2
Digital input. I2C-bus serial clock input.
OS
3
Overtemp Shutdown output; open-drain.
GND
4[1]
Ground. To be connected to the system ground.
A2
5
Digital input. User-defined address bit 2.
A1
6
Digital input. User-defined address bit 1.
A0
7
Digital input. User-defined address bit 0.
VCC
8
Power supply.
Table 4.
Pin description for TSOP6
Symbol
Pin
Description
A0
1
Digital input. User-defined address bit 0.
GND
2
Ground. To be connected to the system ground.
VCC
3
Power supply.
SCL
4
Digital input. I2C-bus serial clock input.
OS
5
Overtemp Shutdown output; open-drain.
SDA
6
Digital I/O. I2C-bus serial bidirectional data line; open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com