Electronic Components Datasheet Search
  English  ▼

X  

PCT2075 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCT2075
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCT2075 Datasheet HTML 3Page - NXP Semiconductors PCT2075 Datasheet HTML 4Page - NXP Semiconductors PCT2075 Datasheet HTML 5Page - NXP Semiconductors PCT2075 Datasheet HTML 6Page - NXP Semiconductors PCT2075 Datasheet HTML 7Page - NXP Semiconductors PCT2075 Datasheet HTML 8Page - NXP Semiconductors PCT2075 Datasheet HTML 9Page - NXP Semiconductors PCT2075 Datasheet HTML 10Page - NXP Semiconductors PCT2075 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 21 May 2013
7 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
In both cases, comparator mode and interrupt mode, the OS output is activated only if a
number of consecutive faults, defined by the device fault queue, has been met. The fault
queue is programmable and stored in the two bits, B3 and B4, of the Configuration
register. Also, the OS output active state is selectable as HIGH or LOW by setting
accordingly the configuration register bit B2.
At power-up, the PCT2075 is put into normal operation mode in OS comparator mode, the
Tots is set to 80 C, the Thys is set to 75 C, the OS active state is selected LOW and the
fault queue is equal to 1. The temp reading data is 0
C and not updated until the first
conversion is completed in about 28 ms. The default Tots and Thys is set at the factory and
can be modified on custom part number.
The OS response to the temperature is illustrated in Figure 6.
7.2 I2C-bus serial interface
The device can be connected to a compatible 2-wire serial interface Fast-mode Plus
I2C-bus as a slave device under the control of a controller or master device, using two
device terminals, SCL and SDA. The controller must provide the SCL clock signal and
write/read data to/from the device through the SDA terminal. Notice that if the I2C-bus
common pull-up resistors have not been installed as required for I2C-bus, then an external
pull-up resistor, about 1.5 k
, is needed for each of these two terminals. The bus
communication protocols are described in Section 7.10.
(1) OS is reset by either reading register or putting the device in shutdown mode. It is assumed that
the fault queue is met at each Tots and Thys crossing point.
Fig 6.
OS response to temperature
002aah455
(1)
(1)
(1)
Tots
Thys
OS reset
OS active
OS reset
OS active
OS output in comparator mode
OS output in interrupt mode
reading temperature limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com