Electronic Components Datasheet Search
  English  ▼

X  

HT56R644 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT56R644
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R644 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT56R644 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
Rev. 1.30
48
�a��� �� �013
Rev. 1.30
49
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
LCD Reset Function
TheLCDhasaninternalresetfunctionthatisanORfunctionoftheinvertedLCDENbitinthe
LCDCTRLregisterandtheSleepfunction.TheLCDresetsignalisactivehigh.TheLCDENsignal
istheinverseoftheLCDENbitintheLCDCTRLregister.
ResetLCD=(SleepModeANDLCDEN)ORLCDEN.
LCDEN=0andLCDEN=1mustbeenabledtoactivatetheLCDCTRLregisterfunction.
LCDEN
Sleep Mode
Reset LCD
0
Off
√
0
On
√
1
Off
x
1
On
√
LCD Reset Function
Clock Source
TheLCDclocksourceistheinternalclocksignal,fSUB,dividedby8,usinganinternaldivider
circuit.ThefSUBinternalclockissuppliedbyeithertheinternal32K_INToscillatorortheexternal
32768Hzoscillator,thechoiceofwhichisdeterminedbyaconfigurationoption.ForproperLCD
operation,thisarrangementisprovidedtogenerateanidealLCDclocksourcefrequencyof4kHz.
fSUB Clock Source
LCD Clock Frequency
Internal 32K_INT Osc.
4kHz
External 32768Hz Osc.
4kHz
LCD Clock Source
LCD Driver Output
WhentheLEDSELbitintheLEDCTRLregisterisclearedtozero,theCOMandSEGlineswillbe
setupasLCDdriverpinstodrivetheLCDdisplay.
ThenumberofCOMandSEGoutputssuppliedbytheLCDdriver,aswellasitsbiasingandduty
selections,aredependentuponhowtheLCDcontrolbitsareprogrammed.TheBiasType,whether
CorRtypeisselectedusingaconfigurationoption.
IftheC-typeofbiasisusedwhenaninternalchargepumpwillbeenabled.NotethattheC-typebias
isnotavailableonthe52-pinQFPpackagetype.
ThenatureofLiquidCrystalDisplaysrequirethatonlyACvoltagescanbeappliedtotheirpixels
astheapplicationofDCvoltagestoLCDpixelsmaycausepermanentdamage.Forthisreason
therelativecontrastofanLCDdisplayiscontrolledbytheactualRMSvoltageappliedtoeach
pixel,whichisequaltotheRMSvalueofthevoltageontheCOMpinminusthevoltageapplied
totheSEGpin.ThisdifferentialRMSvoltagemustbegreaterthantheLCDsaturationvoltage
forthepixeltobeonandlessthanthethresholdvoltageforthepixeltobeoff.Therequirement
tolimittheDCvoltagetozeroandtocontrolasmanypixelsaspossiblewithaminimumnumber
ofconnections,requiresthatbothatimeandamplitudesignalisgeneratedandappliedtothe
applicationLCD.ThesetimeandamplitudevaryingsignalsareautomaticallygeneratedbytheLCD
drivercircuitsinthemicrocontroller.Whatisknownasthedutydeterminesthenumberofcommon
linesused,whicharealsoknownasbackplanesorCOMs.Theduty,whichischosenbyacontrol
bittohaveavalueof1/2,1/3,1/4etcandwhichequatestoaCOMnumberof2,3,4etc,therefore
definesthenumberoftimedivisionswithineachLCDsignalframe.Twotypesofsignalgeneration
arealsoprovided,knownasTypeAandTypeB,therequiredtypeisselectedviatheTYPEbitin
theLCDCTRLregister.TypeBofferslowerfrequencysignals,howeverlowerfrequenciesmay
introduceflickeringandinfluencedisplayclarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com