Electronic Components Datasheet Search
  English  ▼

X  

HT56R644 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT56R644
Description  TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R644 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT56R644 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
Rev. 1.30
1�
�a��� �� �013
Rev. 1.30
13
�a��� �� �013
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
Pin Name
I/O Configuration
Option
Description
HT56R644/HT56R654
VLCD
I
—
LCD bias pin − must less than or equal to VDD
SEG0/SDO
SEG1/SDI/SDA
SEG2/SCK/SCL
SEG3/SCS
SEG4/PCLK
SEG5/
PINT
SEG�~SEG31
CO�15/SEG3�~
CO�8/SEG39
O
I/O
I/O
I/O
O
I/O
O
O
SI�
PINT
SEG0~SEG31 a�e LCD d�ive� outputs fo� LCD panel segments.
SEG0 is pin-s�a�ed wit� t�e SPI bus data output line� SDO.
SEG1 is pin-s�a�ed wit� t�e SPI bus data input line� SDI and t�e I�C Bus
data line SDA.
SEG2 is pin-shared with the SPI bus clock line, SCK and the I�C Bus
�lo�k line SCL.
SEG3 is pin-s�a�ed wit� t�e SPI bus sele�t line� SCS.
SEG4 is pin-shared with the Peripheral Clock line, PCLK.
SEG5 is pin-s�a�ed wit� t�e Pe�ip�e�al Inte��upt line�
PINT.
T�e SEG0~SEG�3 lines �an be �an be ��osen to be eit�e� segment
d�ive�s o� C�OS outputs using �ont�ol bits in t�e LCD �ont�ol �egiste�s.
CO�0~CO�7
O
—
CO�0~CO�� a�e t�e LCD �ommon outputs.
HT56R656
VLCD
I
—
LCD bias pin − must less than or equal to VDD
SEG0/SDO
SEG1/SDI/SDA
SEG2/SCK/SCL
SEG3/SCS
SEG4/PCLK
SEG5/
PINT
SEG�~SEG47
CO�15/SEG48~
CO�8/SEG55
O
I/O
I/O
I/O
O
I/O
O
O
SI�
PINT
SEG0~SEG47 a�e LCD d�ive� outputs fo� LCD panel segments.
SEG0 is pin-s�a�ed wit� t�e SPI bus data output line� SDO.
SEG1 is pin-s�a�ed wit� t�e SPI bus data input line� SDI and t�e I�C Bus
data line SDA.
SEG2 is pin-shared with the SPI bus clock line, SCK and the I�C Bus
�lo�k line SCL.
SEG3 is pin-s�a�ed wit� t�e SPI bus sele�t line� SCS.
SEG4 is pin-shared with the Peripheral Clock line, PCLK.
SEG5 is pin-s�a�ed wit� t�e Pe�ip�e�al Inte��upt line�
PINT.
T�e SEG0~SEG�3 lines �an be �an be ��osen to be eit�e� segment
d�ive�s o� C�OS outputs using �ont�ol bits in t�e LCD �ont�ol �egiste�s.
CO�0~CO�7
O
—
CO�0~CO�7 a�e t�e LCD �ommon outputs.
Note:ThePinDescriptiontablesrepresentsthelargestpackagetypeavailable,thereforesomeofthepinsand
functionsmaynotbeavailableonsmallerpackagetypes.
Absolute Maximum Ratings
SupplyVoltage.................................................................................................. V
SS
-0.3V~V
SS
+6.0V
InputVoltage.....................................................................................................V
SS
-0.3V~VDD+0.3V
StorageTemperature.................................................................................................... -50˚C~125˚C
OperatingTemperature.................................................................................................. -40˚C~85˚C
IOLTotal.................................................................................................................................... 80mA
I
OH
Total..................................................................................................................................-80mA
TotalPowerDissipation....................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"Absolute
MaximumRatings"maycausesubstantialdamagetothedevice.Functionaloperationof
thisdeviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com