Electronic Components Datasheet Search
  English  ▼

X  

HT69F50A Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT69F50A
Description  TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F50A Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT69F50A Datasheet HTML 45Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 46Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 47Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 48Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 49Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 50Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F50A Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 202 page
background image
Rev. 1.00
48
�a��� 1�� �01�
Rev. 1.00
4�
�a��� 1�� �01�
HT69F30A/HT69F40A/HT69F50A
TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
HT69F30A/HT69F40A/HT69F50A
TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
• HT69F40A/HT69F50A
Bit
7
6
5
4
3
2
1
0
Name
—
EEA6
EEA5
EEA4
EEA�
EEA�
EEA1
EEA0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
x
x
x
x
x
x
x
“x”: unknown
Bit7
Unimplemented,readas"0"
Bit6~0
EEA6~EEA0:DataEEPROMaddressbit6~bit0
EED Register
Bit
7
6
5
4
3
2
1
0
Name
EED5
EED4
EED5
EED4
EED�
EED�
EED1
EED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x”: unknown
Bit7~0
EED7~EED0:DataEEPROMdatabit7~bit0
EEC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
WREN
WR
RDEN
RD
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3
WREN:DataEEPROMwriteoperationenable
0:Disable
1:Enable
ThisistheDataEEPROMWriteOperationEnablebitwhichmustbesethighbefore
DatatEEPROMwriteoperationsarecarriedout.Clearingthisbittozerowillinhibit
DataEEPROMwriteoperations.
Bit2
WR:DataEEPROMwritecontrol
0:Writecyclehasfinished
1:Activateawritecycle
ThisistheDataEEPROMWriteControlbitandwhensethighbytheapplication
programwillactivateawritecycle.Thisbitwillbeautomaticallyresettozerobythe
hardwareafterthewritecyclehasfinished.Settingthisbithighwillhavenoeffectif
theWRENbithasnotfirstbeensethigh.
Bit1
RDEN:DataEEPROMreadoperationenable
0:Disable
1:Enable
ThisistheDataEEPROMReadOperationEnablebitwhichmustbesethighbefore
DatatEEPROMreadoperationsarecarriedout.Clearingthisbittozerowillinhibit
DataEEPROMreadoperations.
Bit0
RD:DataEEPROMreadcontrol
0:Readcyclehasfinished
1:Activateareadcycle
ThisistheDataEEPROMReadControlbitandwhensethighbytheapplication
programwillactivateareadcycle.Thisbitwillbeautomaticallyresettozerobythe
hardwareafterthereadcyclehasfinished.Settingthisbithighwillhavenoeffectif
theRDENbithasnotfirstbeensethigh.
Note:TheWREN,WR,RDENandRDbitscannotbesetto“1”atthesametimeinoneinstruction.
TheWRandRDbitscannotbesetto“1”atthesametime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com