Electronic Components Datasheet Search
  English  ▼

X  

HT7133-2 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7133-2
Description  30mA Low Power LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7133-2 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7133-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Rev. 1.00
13
April 10, 2013
HT71xx-2
3-pin SOT89 Outline Dimensions
A
E
B
C
D
H
G
F
I
J
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
—
0.181
B
0.059
—
0.072
C
0.090
—
0.102
D
0.035
—
0.047
E
0.155
—
0.167
F
0.014
—
0.019
G
0.017
—
0.022
H
—
0.059
—
I
55
—
63
J
14
—
17
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
—
4.60
B
1.50
—
1.83
C
2.29
—
2.59
D
0.89
—
1.19
E
3.94
—
4.24
F
0.36
—
0.48
G
0.43
—
0.56
H
—
1.50
—
I
1.40
—
1.60
J
0.36
—
0.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com