Electronic Components Datasheet Search
  English  ▼

X  

HT7133-2 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7133-2
Description  30mA Low Power LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7133-2 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7133-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7133-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Rev. 1.00
2
April 10, 2013
HT71xx-2
Block Diagram
VO UT
VI N
GN D
V re f
Pin Assignment
TO 92
GN D
VI N
VO UT
SO T8 9
VO UT
GN D VI N
71xx -2
Fr ont V ie w
Vi de V ie w
SO T2 3- 5
GN DV IN
VO UT
GN D
VI N
VO UT
71xx -2
1xx2
NC
NC
To p Vi ew
GN DV IN
VO UT
Absolute Maximum Ratings
SupplyVoltage...................................... −0.3Vto33V
StorageTemperature..........................−50°Cto125°C
OperatingTemperature........................−40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder″AbsoluteMaximumRatings″
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
θJA
Thermal Resistance (Junction to Ambient)
(Assume no ambient airflow, no heat sink)
SOT23-5
500
°C/W
SOT89
200
°C/W
TO92
200
°C/W
PD
Power Dissipation
SOT23-5
0.20
W
SOT89
0.50
W
TO92
0.50
W
Note:PDismeasuredatTa=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com