Electronic Components Datasheet Search
  English  ▼

X  

AD558JD Datasheet(PDF) 5 Page - Analog Devices

Part # AD558JD
Description  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD558JD Datasheet(HTML) 5 Page - Analog Devices

  AD558JD Datasheet HTML 1Page - Analog Devices AD558JD Datasheet HTML 2Page - Analog Devices AD558JD Datasheet HTML 3Page - Analog Devices AD558JD Datasheet HTML 4Page - Analog Devices AD558JD Datasheet HTML 5Page - Analog Devices AD558JD Datasheet HTML 6Page - Analog Devices AD558JD Datasheet HTML 7Page - Analog Devices AD558JD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications–AD558
REV. A
–5–
The only consideration in selecting a supply voltage is that, in
order to be able to use the 0 V to 10 V output range, the power
supply voltage must be between +11.4 V and +16.5 V. If, how-
ever, the 0 V to 2.56 V range is to be used, power consumption
will be minimized by utilizing the lowest available supply voltage
(above +4.5 V).
TIMING AND CONTROL
The AD558 has data input latches that simplify interface to 8-
and 16-bit data buses. These latches are controlled by Chip
Enable (CE) and Chip Select (CS) inputs. CE and CS are inter-
nally “NORed” so that the latches transmit input data to the
DAC section when both CE and CS are at Logic “0”. If the ap-
plication does not involve a data bus, a “00” condition allows
for direct operation of the DAC. When either CE or CS go to
Logic “1”, the input data is latched into the registers and held
until both CE and CS return to “0”. (Unused CE or CS inputs
should be tied to ground.) The truth table is given in Table I.
The logic function is also shown in Figure 6.
Table I. AD558 Control Logic Truth Table
Latch
Input Data
CE
CS
DAC Data
Condition
0
0
0
0
“Transparent”
1
0
0
1
“Transparent”
0
g
0
0
Latching
1
g
0
1
Latching
00
g
0
Latching
10
g
1
Latching
X
1
X
Previous Data
Latched
X
X
1
Previous Data
Latched
NOTES
X = Does not matter.
g
= Logic Threshold at Positive-Going Transition.
Figure 6. AD558 Control Logic Function
In a level-triggered latch such as that in the AD558 there is an
interaction between data setup and hold times and the width of
the enable pulse. In an effort to reduce the time required to test
all possible combinations in production, the AD558 is tested
with tDS = tW = 200 ns at 25°C and 270 ns at TMIN and TMAX,
with tDH = 10 ns at all temperatures. Failure to comply with
these specifications may result in data not being latched properly.
Figure 7 shows the timing for the data and control signals; CE
and CS are identical in timing as well as in function.
OUTPUT
AMP
16
15
14
13
GND
VOUT
14k
Ω
2k
Ω
40k
Ω
500
Ω
604
Ω
Figure 4. 10.24 V Full-Scale Connection
NOTE: Decreasing the scale by putting a resistor in series with GND
will not work properly due to the code-dependent currents in GND.
Adjusting offset by injecting dc at GND is not recommended for the
same reason.
GROUNDING AND BYPASSING*
All precision converter products require careful application of
good grounding practices to maintain full rated performance.
Because the AD558 is intended for application in microcom-
puter systems where digital noise is prevalent, special care must
be taken to assure that its inherent precision is realized.
The AD558 has two ground (common) pins; this minimizes
ground drops and noise in the analog signal path. Figure 5
shows how the ground connections should be made.
OUTPUT
AMP
16
15
14
13
GND
VOUT SELECT
VOUT SENSE
VOUT
12
11
(SEE NEXT
PAGE)
RL
GND
TO SYSTEM GND
TO SYSTEM GND
(SEE TEXT)
TO SYSTEM VCC
+VCC
0.1
µF
Figure 5. Recommended Grounding and Bypassing
It is often advisable to maintain separate analog and digital
grounds throughout a complete system, tying them common in
one place only. If the common tie-point is remote and acciden-
tal disconnection of that one common tie-point occurs due to
card removal with power on, a large differential voltage between
the two commons could develop. To protect devices that inter-
face to both digital and analog parts of the system, such as the
AD558, it is recommended that common ground tie-points
should be provided at each such device. If only one system
ground can be connected directly to the AD558, it is recom-
mended that analog common be selected.
POWER SUPPLY CONSIDERATIONS
The AD558 is designed to operate from a single positive power
supply voltage. Specified performance is achieved for any supply
voltage between +4.5 V and +16.5 V. This makes the AD558
ideal for battery-operated, portable, automotive or digital main-
frame applications.
*For additional insight, “An IC Amplifier Users’ Guide to Decoupling,
Grounding and Making Things Go Right For A change,” is available
at no charge from any Analog Devices Sales Office.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com