Electronic Components Datasheet Search
  English  ▼

X  

AD558JD Datasheet(PDF) 2 Page - Analog Devices

Part # AD558JD
Description  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD558JD Datasheet(HTML) 2 Page - Analog Devices

  AD558JD Datasheet HTML 1Page - Analog Devices AD558JD Datasheet HTML 2Page - Analog Devices AD558JD Datasheet HTML 3Page - Analog Devices AD558JD Datasheet HTML 4Page - Analog Devices AD558JD Datasheet HTML 5Page - Analog Devices AD558JD Datasheet HTML 6Page - Analog Devices AD558JD Datasheet HTML 7Page - Analog Devices AD558JD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD558–SPECIFICATIONS
Model
AD558J
AD558K
AD558S
1
AD558T
1
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
8
8
Bits
RELATIVE ACCURACY
2
0
°C to +70°C
±1/2
±1/4
±1/2
±1/4
LSB
–55
°C to +125°C
±3/4
±3/8
LSB
OUTPUT
Ranges
3
0 to +2.56
0 to +2.56
0 to +2.56
0 to +2.56
V
0 to +10
0 to +10
0 to +10
0 to +10
V
Current Source
+5
+5
+5
+5
mA
Sink
Internal Passive
Internal Passive
Internal Passive
Internal Passive
Pull-Down to Ground
4
Pull-Down to Ground
Pull-Down to Ground
Pull-Down to Ground
OUTPUT SETTLING TIME
5
0 to 2.56 Volt Range
0.8
1.5
0.8
1.5
0.8
1.5
0.8
1.5
µs
0 to 10 Volt Range
4
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
µs
FULL-SCALE ACCURACY
6
@ 25
°C
1.5
0.5
1.5
0.5
LSB
TMIN to TMAX
2.5
1
2.5
1
LSB
ZERO ERROR
@ 25
°C
1
1/2
1
1/2
LSB
TMIN to TMAX
2
1
2
1
LSB
MONOTONICITY
7
TMIN to TMAX
Guaranteed
Guaranteed
Guaranteed
Guaranteed
DIGITAL INPUTS
TMIN to TMAX
Input Current
±100
±100
±100
100
µA
Data Inputs, Voltage
Bit On-Logic “1”
2.0
2.0
2.0
2.0
V
Bit On-Logic “0”
0
0.8
0
0
0
V
Control Inputs, Voltage
On-Logic “1”
2.0
2.0
2.0
2.0
V
On-Logic “0”
0
0.8
0
0.8
0
0.8
0
0.8
V
Input Capacitance
4
4
4
4
pF
TIMING
8
tW, Strobe Pulse Width
200
200
200
200
ns
TMIN to TMAX
270
270
270
270
ns
tDH Data Hold Time
10
10
10
10
ns
TMIN to TMAX
10
10
10
10
ns
tDS Data Set-Up Time
200
200
200
200
ns
TMIN to TMAX
270
270
270
270
ns
POWER SUPPLY
Operating Voltage Range (VCC)
2.56 Volt Range
+4.5
+16.5
+4.5
+16.5
+4.5
+16.5
+4.5
+16.5
V
10 Volt Range
+11.4
+16.5
+11.4
+16.5
+11.4
+16.5
+11.4
+16.5
V
Current (ICC)15
25
15
25
15
25
15
25
mA
Rejection Ratio
0.03
0.03
0.03
0.03
%/%
POWER DISSIPATION, VCC = 5 V
75
125
75
125
75
125
75
125
mW
VCC = 15 V
225
375
225
375
225
375
225
375
mW
OPERATING TEMPERATURE RANGE
0
+70
0
+70
–55
+125
–55
+125
°C
NOTES
1The AD558 S & T grades are available processed and screened lo MIL-STD-883 Class B. Consult Analog Devices’ Military Databook for details.
2Relative Accuracy is defined as the deviation of the code transition points from the ideal transfer point on a straight line from the offset to the full scale of the device.
See “Measuring Offset Error”.
3Operation of the 0 volt to 10 volt output range requires a minimum supply voltage of +11.4 volts.
4Passive pull-down resistance is 2 k
Ω for 2.56 volt range, 10 kΩ for 10 volt range.
5Settling time is specified for a positive-going full-scale step to
± 1/2 LSB. Negative-going steps to zero are slower, but can be improved with an external pull-down.
6The full range output voltage for the 2.56 range is 2.55 V and is guaranteed with a +5 V supply, for the 10 V range, it is 9.960 V guaranteed with a +15 V supply.
7A monotonic converter has a maximum differential linearity error of
± 1 LSB.
8See Figure 7.
Specifications shown in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
(@ TA = +25 C, VCC = +5 V to +15 V unless otherwise noted)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com