Electronic Components Datasheet Search
  English  ▼

X  

AD9280ARSZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9280ARSZ
Description  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280ARSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9280ARSZ Datasheet HTML 2Page - Analog Devices AD9280ARSZ Datasheet HTML 3Page - Analog Devices AD9280ARSZ Datasheet HTML 4Page - Analog Devices AD9280ARSZ Datasheet HTML 5Page - Analog Devices AD9280ARSZ Datasheet HTML 6Page - Analog Devices AD9280ARSZ Datasheet HTML 7Page - Analog Devices AD9280ARSZ Datasheet HTML 8Page - Analog Devices AD9280ARSZ Datasheet HTML 9Page - Analog Devices AD9280ARSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9280
–6–
DEFINITIONS OF SPECIFICATIONS
Integral Nonlinearity (INL)
Integral nonlinearity refers to the deviation of each individual
code from a line drawn from “zero” through “full scale.” The
point used as “zero” occurs 1/2 LSB before the first code transi-
tion. “Full scale” is defined as a level 1 1/2 LSB beyond the last
code transition. The deviation is measured from the center of
each particular code to the true straight line.
Differential Nonlinearity (DNL, No Missing Codes)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. It is often
specified in terms of the resolution for which no missing codes
(NMC) are guaranteed.
Typical Characterization Curves
CODE OFFSET
1.0
0.5
–1.0
0
240
32
64
96
128
160
192
224
0
–0.5
Figure 3. Typical DNL
CODE OFFSET
1.0
0.5
–1.0
0
240
32
64
96
128
160
192
224
0
–0.5
Figure 4. Typical INL
Offset Error
The first transition should occur at a level 1 LSB above “zero.”
Offset is defined as the deviation of the actual first code transi-
tion from that point.
Gain Error
The first code transition should occur for an analog value 1 LSB
above nominal negative full scale. The last transition should
occur for an analog value 1 LSB below the nominal positive full
scale. Gain error is the deviation of the actual difference be-
tween first and last code transitions and the ideal difference
between the first and last code transitions.
Pipeline Delay (Latency)
The number of clock cycles between conversion initiation and
the associated output data being made available. New output
data is provided every rising edge.
INPUT FREQUENCY – Hz
60
55
20
1.00E+05
1.00E+08
1.00E+06
1.00E+07
50
45
25
40
35
30
–0.5 AMPLITUDE
–6.0 AMPLITUDE
–20.0 AMPLITUDE
Figure 5. SNR vs. Input Frequency
60
55
20
1.00E+05
1.00E+08
1.00E+06
1.00E+07
50
45
25
40
35
30
INPUT FREQUENCY – Hz
–0.5 AMPLITUDE
–6.0 AMPLITUDE
–20.0 AMPLITUDE
Figure 6. SINAD vs. Input Frequency
(AVDD = +3 V, DRVDD = +3 V, FS = 32 MHz (50% Duty Cycle), MODE = AVDD, 2 V Input
Span from 0.5 V to 2.5 V, External Reference, unless otherwise noted)
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com