Electronic Components Datasheet Search
  English  ▼

X  

AD9280ARSZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9280ARSZ
Description  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280ARSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9280ARSZ Datasheet HTML 15Page - Analog Devices AD9280ARSZ Datasheet HTML 16Page - Analog Devices AD9280ARSZ Datasheet HTML 17Page - Analog Devices AD9280ARSZ Datasheet HTML 18Page - Analog Devices AD9280ARSZ Datasheet HTML 19Page - Analog Devices AD9280ARSZ Datasheet HTML 20Page - Analog Devices AD9280ARSZ Datasheet HTML 21Page - Analog Devices AD9280ARSZ Datasheet HTML 22Page - Analog Devices AD9280ARSZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9280
–19–
TP1
AVDD
VREF
TP5
TP6
JP1
JP2
JP3
JP4
JP6
JP9
1
2
3
B
S5
A
TP7
C35
10/10V
C36
0.1 F
C37
0.1 F
C38
0.1 F
GND
GND
JP12
JP11
GND
JP13
JP7
C6
0.1 F
C3
0.1 F
TP3
TP4
JP10
C4
0.1 F
+
C5
10/10V
REFSENSE
EXTB
REFBF
REFTF
EXTT
CLAMPIN
EXTT
REFTS
REFBS
EXTB
9 U6 8
11 U6 10
13
U6 12
GND J6
TP23 TP24 TP25 TP26 TP27 TP28
GND J10
J9
C32
0.1 F
L4
TP29
+3–5D
C31
10/10V
J2
C22
0.1 F
L1
TP20
DRVDD
C23
10/10V
J3
C24
0.1 F
L2
TP21
AVDD
C25
33/16V
J4
C26
0.1 F
L3
TP22
+3–5A
C27
10/10V
C28
0.1 F
14
7
U6 DECOUPLING
AVDDCLK
74AHC14 PWR
U6
GND
TP8
JP8
JP26
TP10
DCIN
TP9
R2
100
R3
100
A
3
B
1
2
S1
T1
C1
0.1 F
C2
47/10V
6
4
3
2
1
P
S
AIN
REFBS
CM
T1–1T
A
3
1 B
2
R1
49.9
S8
J1
TP12
R51
49.9
CLK
TP13
DUTCLK
R52
49.9
U6
34
U6
12
U6
56
B
1
S6
3
A
2
B
1
S7
3
A
2
R4
49.9
J5
ADC_CLK
C30
0.1 F
JP22
AVDD
AVDDCLK
R35
4.99k
R36
4.99k
R34
2k
CW
AVDD
MODE
R5
10k
R6
10k
JP14
JP15
JP16
GND
Figure 39b. Evaluation Board Schematic
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com