Electronic Components Datasheet Search
  English  ▼

X  

ADS8330IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8330IPWR
Description  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8330IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8330IPWR Datasheet HTML 3Page - Texas Instruments ADS8330IPWR Datasheet HTML 4Page - Texas Instruments ADS8330IPWR Datasheet HTML 5Page - Texas Instruments ADS8330IPWR Datasheet HTML 6Page - Texas Instruments ADS8330IPWR Datasheet HTML 7Page - Texas Instruments ADS8330IPWR Datasheet HTML 8Page - Texas Instruments ADS8330IPWR Datasheet HTML 9Page - Texas Instruments ADS8330IPWR Datasheet HTML 10Page - Texas Instruments ADS8330IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ADS8329
ADS8330
www.ti.com ................................................................................................................................................... SLAS516C – DECEMBER 2006 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 85°C, +VA = 2.7 V to 3.6 V, +VBD = 1.65 V to 1.5×(+VA), VREF = 2.5 V, fSAMPLE = 1 MHz for 3 V ≤ +VA ≤ 3.6 V,
fSAMPLE = 900 kHz for 3 V < +VA ≤ 2.7 V using external clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
+VBD
1.65
+VA
1.5 × (+VA)
V
Power-supply
fs ≤ 1 MHz
3
3.6
voltage
+VA
V
fs ≤ 900 kHz
2.7
3.6
1-MHz sample rate,
5.1
6.1
3 V
≤ +VA ≤ 3.6 V
900-kHz sample rate,
mA
4.84
Supply current
2.7 V
≤ +VA ≤ 3 V
NAP/Auto-NAP mode
0.25
0.4
Deep power-down mode
2
50
nA
Buffer I/O supply current
1 MSPS, +VBD = 1.8 V
0.05
mA
+VBD = 1.8 V, 3 V
≤ +VA ≤ 3.6 V
15.5
19
Power dissipation
mW
+VBD = 1.8 V, 2.7 V
≤ +VA ≤ 3 V
13.2
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
+85
°C
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8329 ADS8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com