Electronic Components Datasheet Search
  English  ▼

X  

ADS8330IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8330IPWR
Description  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8330IPWR Datasheet(HTML) 3 Page - Texas Instruments

  ADS8330IPWR Datasheet HTML 1Page - Texas Instruments ADS8330IPWR Datasheet HTML 2Page - Texas Instruments ADS8330IPWR Datasheet HTML 3Page - Texas Instruments ADS8330IPWR Datasheet HTML 4Page - Texas Instruments ADS8330IPWR Datasheet HTML 5Page - Texas Instruments ADS8330IPWR Datasheet HTML 6Page - Texas Instruments ADS8330IPWR Datasheet HTML 7Page - Texas Instruments ADS8330IPWR Datasheet HTML 8Page - Texas Instruments ADS8330IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ELECTRICAL CHARACTERISTICS
ADS8329
ADS8330
www.ti.com ................................................................................................................................................... SLAS516C – DECEMBER 2006 – REVISED JULY 2009
TA = –40°C to 85°C, +VA = 4.5 V to 5.5 V, +VBD = 1.65 V to 5.5 V, VREF = 5 V, and fSAMPLE = 1 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
+IN – (–IN) or (+INx – COM)
0
+VREF
V
+IN, +IN0, +IN1
AGND – 0.2
+VA + 0.2
Absolute input voltage
V
–IN or COM
AGND – 0.2
AGND + 0.2
Input capacitance
40
45
pF
No ongoing conversion,
Input leakage current
–1
1
nA
dc input
At dc
109
Input channel isolation, ADS8330 only
dB
VI = ±1.25 VPP at 50 kHz
101
SYSTEM PERFORMANCE
Resolution
16
Bits
No missing codes
16
Bits
ADS8329IB, ADS8330IB
–1.75
±1.2
1.75
Integral
INL
LSB(2)
linearity
ADS8329I, ADS8330I
–2.5
±1.5
2.5
ADS8329IB, ADS8330IB
–1
±0.4
1
Differential
DNL
LSB(2)
linearity
ADS8329I, ADS8330I
–1
±0.5
2
ADS8329IB, ADS8330IB
–1
±0.27
1
EO
Offset error(3)
mV
ADS8329I, ADS8330I
–1.25
±0.8
1.25
Offset error drift
FSR = 5 V
+0.4
ppm/°C
EG
Gain error
–0.25
–0.04
0.25
%FSR
Gain error drift
+0.75
ppm/°C
At dc
70
CMRR
Common-mode rejection ratio
dB
VI = 0.4 VPP at 1 MHz
50
Noise
33
µV RMS
PSRR
Power-supply rejection ratio
At FFFFh output code(3)
78
dB
SAMPLING DYNAMICS
tCONV
Conversion time
18
CCLK
tSAMPLE1
Manual trigger
3
Acquisition time
CCLK
tSAMPLE2
Auto trigger
3
Throughput rate
1
MHz
Aperture delay
5
ns
Aperture jitter
10
ps
Step response
100
ns
Overvoltage recovery
100
ns
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 4.096 V when +VA = 5 V.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8329 ADS8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com