Electronic Components Datasheet Search
  English  ▼

X  

CC1150RSTR Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1150RSTR
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150RSTR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1150RSTR Datasheet HTML 9Page - Texas Instruments CC1150RSTR Datasheet HTML 10Page - Texas Instruments CC1150RSTR Datasheet HTML 11Page - Texas Instruments CC1150RSTR Datasheet HTML 12Page - Texas Instruments CC1150RSTR Datasheet HTML 13Page - Texas Instruments CC1150RSTR Datasheet HTML 14Page - Texas Instruments CC1150RSTR Datasheet HTML 15Page - Texas Instruments CC1150RSTR Datasheet HTML 16Page - Texas Instruments CC1150RSTR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
CC1150
SWRS037A
Page 13 of 60
7.7
Antenna Considerations
The reference designs ([1] and [2]) contains a
SMA connector and is match for a 50
Ω load.
The SMA connector makes it easy to connect
evaluation modules and prototypes to different
test equipment for example a spectrum
analyzer. The SMA connector can also be
replaced by an antenna suitable for the
desired application.
Please refer to the
antenna selection guide AN058 [7] for further
details regarding antenna solutions provided
by TI.
Component
Description
C41
Decoupling capacitor for on-chip voltage regulator to digital part
C51/C71
Crystal loading capacitors
C101/C111
RF balun/matching capacitors
C102
RF LC filter/matching filter capacitor (315 and 433 MHz). RF balun/matching
capacitor (868/915 MHz).
C103
RF LC filter/matching capacitors
C104
RF balun DC blocking capacitor
C105
RF LC filter DC blocking capacitor and part of optional RF LC filter (868/915 MHz)
C106
Part of optional RF LC filter and DC Block (868/915 MHz)
L101/L111
RF balun/matching inductors (inexpensive multi-layer type)
L102
RF LC filter/matching filter inductor (315 and 433 MHz). RF balun/matching inductor
(868/915 MHz) (inexpensive multi-layer type)
L103
RF LC filter/matching inductor (inexpensive multi-layer type)
L104
RF LC filter/matching inductor (inexpensive multi-layer type)
L105
Part of optional RF LC filter (868/915 MHz)(inexpensive multi-layer type)
R141
Resistor for internal bias current reference
XTAL
26-27 MHz crystal
Table 13: Overview of External Components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com