Electronic Components Datasheet Search
  English  ▼

X  

CC1150RSTR Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1150RSTR
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150RSTR Datasheet(HTML) 2 Page - Texas Instruments

  CC1150RSTR Datasheet HTML 1Page - Texas Instruments CC1150RSTR Datasheet HTML 2Page - Texas Instruments CC1150RSTR Datasheet HTML 3Page - Texas Instruments CC1150RSTR Datasheet HTML 4Page - Texas Instruments CC1150RSTR Datasheet HTML 5Page - Texas Instruments CC1150RSTR Datasheet HTML 6Page - Texas Instruments CC1150RSTR Datasheet HTML 7Page - Texas Instruments CC1150RSTR Datasheet HTML 8Page - Texas Instruments CC1150RSTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
CC1150
SWRS037A
Page 2 of 60
Features (continued from front page)
•
Suited for systems compliant with EN 300
220 and FCC CFR Part 15
•
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
•
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
•
Integrated analog temperature sensor
•
Lead-free “green” package
•
Flexible support
for packet oriented
systems: On chip support for sync word
insertion,
flexible
packet
length and
automatic CRC handling
•
OOK and flexible ASK shaping supported
•
2-FSK, GFSK and MSK supported
•
Optional automatic whitening of data
•
Support for asynchronous transparent
transmit mode for backwards compatibility
with
existing
radio
communication
protocols
Abbreviations
Abbreviations used in this data sheet are described below.
ADC
Analog to Digital Converter
NRZ
Non Return to Zero (Coding)
AFC
Automatic Frequency Compensation
OOK
On-Off-Keying
AGC
Automatic Gain Control
PA
Power Amplifier
AMR
Automatic Meter Reading
PCB
Printed Circuit Board
ASK
Amplitude Shift Keying
PD
Power Down
BER
Bit Error Rate
PER
Packet Error Rate
CCA
Clear Channel Assessment
PLL
Phase Locked Loop
CFR
Code of Federal Regulations
POR
Power-On Reset
CRC
Cyclic Redundancy Check
QLP
Quad Leadless Package
CW
Contionus Wave (Unmodulated Carrier)
QPSK
Quadrature Phase Shift Keying
DC
Direct Current
RC
Resistor-Capacitor
EIRP
Equivalent Isotropic Radiated Power
RCOSC
RC Oscillator
ESR
Equivalent Series Resistance
RF
Radio Frequency
FCC
Federal Communications Commission
RSSI
Received Signal Strength Indicator
FEC
Forward Error Correction
RX
Receive, Receive Mode
FIFO
First-In-First-Out
SAW
Surface Aqustic Wave
FSK
Frequency Shift Keying
SMD
Surface Mount Device
GFSK
Gaussian shaped Frequency Shift Keying
SNR
Signal to Noise Ratio
ISM
Industrial, Scientific, Medical
SPI
Serial Peripheral Interface
LC
Inductor-Capacitor
SRD
Short Range Devices
LO
Local Oscillator
TBD
To Be Defined
LSB
Least Significant Byte
TX
Transmit, Transmit Mode
LQI
Link Quality Indicator
UHF
Ultra High frequency
MCU
Microcontroller Unit
VCO
Voltage Controlled Oscillator
MSK
Minimum Shift Keying
XOSC
Crystal Oscillator
N/A
Not Applicable
XTAL
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com