Electronic Components Datasheet Search
  English  ▼

X  

ATS22D47Q Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATS22D47Q
Description  soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATS22D47Q Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATS22D47Q Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Transmission rate
4800, 9600 or 19200 bps
Max nodes number
31
Protection type
Phase failure on line
Thermal protection on motor
Thermal protection on starter
Marking
CE
Type of cooling
Forced convection
Operating position
Vertical +/- 10 degree
Product weight
7 kg
Environment
Electromagnetic compatibility
Conducted and radiated emissions conforming to IEC 60947-4-2 level A
Damped oscillating waves conforming to IEC 61000-4-12 level 3
Electrostatic discharge conforming to IEC 61000-4-2 level 3
Immunity to electrical transients conforming to IEC 61000-4-4 level 4
Immunity to radiated radio-electrical interference conforming to IEC 61000-4-3
level 3
Voltage/Current impulse conforming to IEC 61000-4-5 level 3
Standards
EN/IEC 60947-4-2
Product certifications
CCC
CSA
C-Tick
GOST
UL
Vibration resistance
1 gn (f = 13...200 Hz) conforming to EN/IEC 60068-2-6
1.5 mm (f = 2...13 Hz) conforming to EN/IEC 60068-2-6
Shock resistance
15 gn for 11 ms conforming to EN/IEC 60068-2-27
Noise level
45 dB
Pollution degree
Level 2 conforming to IEC 60664-1
Relative humidity
<= 95 % without condensation or dripping water conforming to EN/IEC 60068-2-3
Ambient air temperature for operation
-10...40 °C without derating
> 40...< 60 °C with current derating 2.2 % per °C
Ambient air temperature for storage
-25...70 °C
Operating altitude
<= 1000 m without derating
> 1000...< 2000 m with current derating of 2.2 % per additional 100 m
RoHS EUR status
Compliant
RoHS EUR conformity date
0938



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com