Electronic Components Datasheet Search
  English  ▼

X  

ATS22D47Q Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ATS22D47Q
Description  soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATS22D47Q Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ATS22D47Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS22D47Q Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Product data sheet
Performance Curves
ATS22D47Q
Motor Thermal Protection - Cold Curves
Curves
A
Class 10
B
Class 20
C
Class 30
Trip time for a Standard Application (Class 10)
3.5 ln
32 s
Trip time for a Severe Application (Class 20)
3.5 ln
63 s
Trip time for a Severe Application (Class 30)
3.5 ln
95 s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com